Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC105EC/D Datasheet(PDF) 23 Page - NXP Semiconductors

Part # MPC105EC/D
Description  MPC105 PCI Bridge/Memory Controller Hardware Specifications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC105EC/D Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button MPC105EC/D Datasheet HTML 16Page - NXP Semiconductors MPC105EC/D Datasheet HTML 17Page - NXP Semiconductors MPC105EC/D Datasheet HTML 18Page - NXP Semiconductors MPC105EC/D Datasheet HTML 19Page - NXP Semiconductors MPC105EC/D Datasheet HTML 20Page - NXP Semiconductors MPC105EC/D Datasheet HTML 21Page - NXP Semiconductors MPC105EC/D Datasheet HTML 22Page - NXP Semiconductors MPC105EC/D Datasheet HTML 23Page - NXP Semiconductors MPC105EC/D Datasheet HTML 24Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
105 Hardware Specifications
23
Preliminary/Subject to Change without Notice
Due to the complexity and the many variations of system-level boundary conditions for today’s
microelectronic equipment, the combined effects of the heat transfer mechanisms (radiation, convection,
and conduction) may vary widely. For this reason, we recommend using conjugate heat transfer models for
the board as well as system-level designs. To expedite system-level thermal analysis, several “compact”
CBGA thermal models are available within FLOTHERM
®. These are available upon request.
The die junction-to-ambient thermal resistance is shown in Table 12. The model results are in accordance
with SEMI specification G38. This standard specifies a single component be placed on a 7.5 cm x 10 cm
single-layer printed-circuit card. Note that this single metric may not adequately describe three-dimensional
heat flow.
Table 12. Die Junction-to-Ambient Thermal Resistance
Airflow Velocity
(Meter/Second)
Airflow Velocity
(Feet/Minute)
Die Junction-to-Ambient Thermal
Resistance (SEMI G38) (
°C/W)
1
196.8
22.0
2
393.7
18.5
3
590.0
17.0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com