Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC105EC/D Datasheet(PDF) 17 Page - NXP Semiconductors

Part # MPC105EC/D
Description  MPC105 PCI Bridge/Memory Controller Hardware Specifications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC105EC/D Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button MPC105EC/D Datasheet HTML 13Page - NXP Semiconductors MPC105EC/D Datasheet HTML 14Page - NXP Semiconductors MPC105EC/D Datasheet HTML 15Page - NXP Semiconductors MPC105EC/D Datasheet HTML 16Page - NXP Semiconductors MPC105EC/D Datasheet HTML 17Page - NXP Semiconductors MPC105EC/D Datasheet HTML 18Page - NXP Semiconductors MPC105EC/D Datasheet HTML 19Page - NXP Semiconductors MPC105EC/D Datasheet HTML 20Page - NXP Semiconductors MPC105EC/D Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
105 Hardware Specifications
17
Preliminary/Subject to Change without Notice
Interrupt, Clock, and Power Management Signals
CK0/DWE3
L11
High
Output
HRST
L16
Low
Input
MCP
J11
Low
Output
NMI
E15
High
Input
QACK
L14
Low
Output
QREQ
H16
Low
Input
SYSCLK
L6
Clock
Input
SUSPEND
H14
Low
Input
Test/Configuration Signals
FNR/DWE0
J13
High
Input
PLL0–PLL3
U11, T11, U12, T12
High
Input
TCK
F13
Clock
Input
TDI
B13
High
Input
TDO
E12
High
Output
TMS
D14
High
Input
TRST
H13
Low
Input
Power and Ground Signals
AVdd
K9
High
Clock
Power
Vdd
E10, E6, F11, F5, F7, G10, G12, G6, H5, H7,
K10, K7, L12, M11, M5, M7, N10, N12, N6,
P11, P5, P7, R10, R6, J8, L8
High
Power
LSSD_MODE 2
G11
Low
Input
Vss
E11, E7, F10, F12, F6, G5, G7, H12, H6, J7,
L7, M10, M12, M6, N11, N5, N7, P10, P12,
P6, R11, R7, K8, J9, L9
Low
Ground
NC
H8, H9, M8, M9
—
—
Note:
1. Some signals have dual functions and are shown more than once in this table.
2. This test signal is for factory use only. It must be pulled up to Vdd for normal machine
operation.
Table 9. Pinout Listing1 (Continued)
Signal Name
Pin Number
Active
I/O
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com