Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC105EC/D Datasheet(PDF) 20 Page - NXP Semiconductors

Part # MPC105EC/D
Description  MPC105 PCI Bridge/Memory Controller Hardware Specifications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC105EC/D Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button MPC105EC/D Datasheet HTML 16Page - NXP Semiconductors MPC105EC/D Datasheet HTML 17Page - NXP Semiconductors MPC105EC/D Datasheet HTML 18Page - NXP Semiconductors MPC105EC/D Datasheet HTML 19Page - NXP Semiconductors MPC105EC/D Datasheet HTML 20Page - NXP Semiconductors MPC105EC/D Datasheet HTML 21Page - NXP Semiconductors MPC105EC/D Datasheet HTML 22Page - NXP Semiconductors MPC105EC/D Datasheet HTML 23Page - NXP Semiconductors MPC105EC/D Datasheet HTML 24Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
20
105 Hardware Specifications
Preliminary/Subject to Change without Notice
1.6 System Design Information
This section provides electrical and thermal design recommendations for successful application of the
MPC105 PCI Bridge/Memory Controller.
1.6.1 PLL Configuration
The MPC105 is designed to operate over a wide range of processor and PCI bus frequencies. The PLL is
configured by the PLL_CFG0–PLL_CFG3 pins. For a given SYSCLK (bus) frequency, the PLL
configuration pins set the internal MPC105 frequency of operation. Table 10 describes the PLL
configurations required for different ratios between the processor bus frequency and the PCI bus frequency.
Table 10. PLL Configuration
Notes:
1. Some PLL configurations may select bus, CPU, or PLL frequencies which are not useful, not
supported, or not tested for by the MPC105. PLL frequencies (shown in parenthesis in Table 10)
should not fall below 120 MHz, and should not exceed 200 MHz.
2. In PLL-bypass mode, the SYSCLK input signal clocks the internal processor directly, and the
bus is set for 1:1 mode operation. The PLL-bypass mode is for test only, and is not intended for
functional use. In clock-off mode, no clocking occurs inside the MPC105 regardless of the
SYSCLK input.
3. The PLL_CFG0–PLL_CFG1 signals select the CPU-to-bus ratio (1:1, 2:1) and the
PLL_CFG2–PLL_CFG3 signals select the PCI-to-PLL multiplier (x2, x4, x8).
4. The level 2 cache and memory interfaces will function at the processor bus frequency.
1.6.2 PLL Power Supply Filtering
The AVdd power signal is provided on the MPC105 to provide power to the clock generation phase-lock
loop. To ensure stability of the internal clock, the power supplied to the AVdd input signal should be filtered
using a circuit similar to the one shown in Figure 12. The circuit should be placed as close as possible to the
AVdd pin to ensure it filters out as much noise as possible.
PLL_CFG0–PLL_CFG3
Processor Bus, PCI, and PLL Frequencies
Processor Bus:
PCI Bus Ratio
(SYSCLK)
PCI Bus
16.6 MHz
PCI Bus
20 MHz
PCI Bus
25 MHz
PCI Bus
33.3 MHz
0001
1:1
—
—
—
33.3
(133)
0010
1:1
16.6
(133)
20
(160)
25
(200)
—
0100
2:1
—
—
—
66.6
(133)
0101
2:1
33.3
(133)
40
(160)
50
(200)
—
0011
PLL bypass
1111
Clock off
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com