Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC105EC/D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MPC105EC/D
Description  MPC105 PCI Bridge/Memory Controller Hardware Specifications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC105EC/D Datasheet(HTML) 2 Page - NXP Semiconductors

  MPC105EC/D Datasheet HTML 1Page - NXP Semiconductors MPC105EC/D Datasheet HTML 2Page - NXP Semiconductors MPC105EC/D Datasheet HTML 3Page - NXP Semiconductors MPC105EC/D Datasheet HTML 4Page - NXP Semiconductors MPC105EC/D Datasheet HTML 5Page - NXP Semiconductors MPC105EC/D Datasheet HTML 6Page - NXP Semiconductors MPC105EC/D Datasheet HTML 7Page - NXP Semiconductors MPC105EC/D Datasheet HTML 8Page - NXP Semiconductors MPC105EC/D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
105 Hardware Specifications
Preliminary/Subject to Change without Notice
1.1 MPC105 Overview
The MPC105 provides a PowerPC reference platform-compliant bridge between PowerPC 601
™,
PowerPC 603
™, and PowerPC 604™ microprocessors and the PCI bus. PCI support allows system
designers to rapidly design systems using peripherals already designed for PCI and the other standard
interfaces available in the personal computer hardware environment. The MPC105 integrates secondary
cache control and a high-performance memory controller that supports DRAM, synchronous DRAM
(SDRAM), ROM, and Flash ROM. The MPC105 uses an advanced, 3.3 V CMOS process technology and
is fully compatible with TTL devices.
The MPC105 supports a programmable interface to a variety of PowerPC microprocessors operating at
various bus speeds. The MPC105’s 60x interface allows for a variety of system configurations by providing
support for either a second processor or a secondary (L2) cache. The L2 cache control unit generates the
arbitration and support signals necessary to maintain a write-through or write-back lookaside cache.
The MPC105’s PCI interface is designed to connect the processor and memory system to the PCI local bus
without the need for “glue” logic. The MPC105 acts as both a master and slave device on the PCI bus.
The memory interface controls processor and PCI interactions to main memory. It is capable of supporting
a variety of DRAM or SDRAM, and ROM or Flash ROM configurations.
The MPC105 provides hardware support for four levels of power reduction—nap, doze, sleep, and suspend.
The MPC105’s design is fully static, allowing internal logic states to be preserved during all power saving
modes.
1.1.1 MPC105 Features
Major features of the MPC105 are as follows:
•
Processor interface
— 60x processors supported at a wide range of frequencies
— 32-bit address bus
— Configurable 64- or 32-bit data bus
— Accommodates an upgrade of either an external L2 cache or a secondary processor
— Arbitration for secondary processor on-chip
— Full memory coherency supported
— Pipelining of 60x accesses
— Store gathering on 60x-to-PCI writes
•
Secondary (L2) cache control
— Configurable for write-through or write-back operation
— 256K, 512K, 1M sizes
— Up to 4 Gbytes of cacheable space
— Direct-mapped
— Parity supported
— Supports external byte decode or on-chip byte decode for write enables
— Programmable timing supported
— Synchronous burst and asynchronous SRAMs supported
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com