Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC105EC/D Datasheet(PDF) 8 Page - NXP Semiconductors

Part # MPC105EC/D
Description  MPC105 PCI Bridge/Memory Controller Hardware Specifications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC105EC/D Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button MPC105EC/D Datasheet HTML 4Page - NXP Semiconductors MPC105EC/D Datasheet HTML 5Page - NXP Semiconductors MPC105EC/D Datasheet HTML 6Page - NXP Semiconductors MPC105EC/D Datasheet HTML 7Page - NXP Semiconductors MPC105EC/D Datasheet HTML 8Page - NXP Semiconductors MPC105EC/D Datasheet HTML 9Page - NXP Semiconductors MPC105EC/D Datasheet HTML 10Page - NXP Semiconductors MPC105EC/D Datasheet HTML 11Page - NXP Semiconductors MPC105EC/D Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
105 Hardware Specifications
Preliminary/Subject to Change without Notice
Figure 2. Input Timing Diagram
Figure 3. Mode Select Input Timing Diagram
1.3.2.3 Output AC Specifications
Table 7 provides the output AC timing specifications for the MPC105 as defined in Figure 4. These
specifications are for operation between 16.67 MHz and 33.33 MHz bus clock (SYSCLK) frequencies.
Table 7. Output AC Timing Specifications
Vdd = 3.3
± 5% Vdc, GND = 0 Vdc
Num
Characteristic
Min
Max
Unit
Notes
19
SYSCLK to output driven (output enable time)
2.0
—
ns
20
SYSCLK to output valid
(for PCI bus signals)
—
11
ns
1, 2, 3
21
SYSCLK to output valid
(for PCI point-to-point signals)
—
12
ns
1, 2, 4
22
SYSCLK to output valid (for TS, ARTRY, all non-PCI
signals except TALE, BAA, RAS/CS0–RAS/CS7, CAS/
DQM0–CAS/DQM7)
—
8.0
ns
1, 2, 7
23
SYSCLK to output valid
(for TALE, BAA)
—
10.0
ns
1, 2
24
SYSCLK to output valid
(for RAS/CS0–RAS/CS7, CAS/DQM0–CAS/DQM7)
—
9.0
ns
1, 2
14–16
VM
VM = Midpoint Voltage (1.4 V)
SYSCLK
10–12
ALL INPUTS
VM
VM = Midpoint Voltage (1.4 V)
HRST
16
MODE PINS
13
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com