Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC105EC/D Datasheet(PDF) 9 Page - NXP Semiconductors

Part # MPC105EC/D
Description  MPC105 PCI Bridge/Memory Controller Hardware Specifications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC105EC/D Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button MPC105EC/D Datasheet HTML 5Page - NXP Semiconductors MPC105EC/D Datasheet HTML 6Page - NXP Semiconductors MPC105EC/D Datasheet HTML 7Page - NXP Semiconductors MPC105EC/D Datasheet HTML 8Page - NXP Semiconductors MPC105EC/D Datasheet HTML 9Page - NXP Semiconductors MPC105EC/D Datasheet HTML 10Page - NXP Semiconductors MPC105EC/D Datasheet HTML 11Page - NXP Semiconductors MPC105EC/D Datasheet HTML 12Page - NXP Semiconductors MPC105EC/D Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
105 Hardware Specifications
9
Preliminary/Subject to Change without Notice
25
SYSCLK to output invalid
(output hold)
0.0
—
ns
26
SYSCLK to output high impedance (all except ARTRY)
—
8.0
ns
27
SYSCLK to ARTRY high impedance before precharge
(output hold)
—
8.0
ns
28
SYSCLK to ARTRY precharge enable (1X, 2X, PLL mode)
0.4 * tSYS
+ 2.0
—
ns
5, 6
29
Precharge width for ARTRY
1.0
t
SYS
5, 6
30
SYSCLK to ARTRY high impedance after precharge (1X,
2X PLL modes)
—
1.5 * tSYS
+ 8.0
ns
5
Notes:
All output specifications are measured from the TTL level (0.8 V or 2.0 V) of the signal in question to the
1.4 V of the rising edge of SYSCLK. Processor and memory interface signals are specified from the rising
edge of the processor and memory bus clock, which is the same as SYSCLK in 1:1 mode, but is twice the
frequency in 2:1 mode (processor/memory bus clock rising edges occur on every rising and falling edge of
SYSCLK). Both input and output timings are measured at the pin.
1. All output specifications are measured from the 1.4 V of the rising edge of SYSCLK to the TTL level
(0.8 V or 2.0 V) of the signal in question. The output timings are measured at the pin.
2. Maximum timing specifications assume CL = 50 pF.
3. PCI bus signals are composed of the following signals—LOCK, MEMACK, ISA_MASTER,
C/BE0–C/BE3, PAR, TRDY, FRAME, STOP, DEVSEL, PERR, SERR, and AD0–AD31.
4. PCI point-to-point signals are composed of the GNT signal.
5. tSYS is the period of the external bus clock (SYSCLK) in nanoseconds. The numbers given in the table
must be multiplied by the period of SYSCLK to compute the actual time duration (in nanoseconds) of the
parameter in question.
6. These specifications are nominal values.
7. Shared outputs, TS and ARTRY, require pull-up resistors to hold them negated when there is no bus
master driving.
Table 7. Output AC Timing Specifications (Continued)
Vdd = 3.3
± 5% Vdc, GND = 0 Vdc
Num
Characteristic
Min
Max
Unit
Notes
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com