Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC105EC/D Datasheet(PDF) 21 Page - NXP Semiconductors

Part # MPC105EC/D
Description  MPC105 PCI Bridge/Memory Controller Hardware Specifications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC105EC/D Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button MPC105EC/D Datasheet HTML 16Page - NXP Semiconductors MPC105EC/D Datasheet HTML 17Page - NXP Semiconductors MPC105EC/D Datasheet HTML 18Page - NXP Semiconductors MPC105EC/D Datasheet HTML 19Page - NXP Semiconductors MPC105EC/D Datasheet HTML 20Page - NXP Semiconductors MPC105EC/D Datasheet HTML 21Page - NXP Semiconductors MPC105EC/D Datasheet HTML 22Page - NXP Semiconductors MPC105EC/D Datasheet HTML 23Page - NXP Semiconductors MPC105EC/D Datasheet HTML 24Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
105 Hardware Specifications
21
Preliminary/Subject to Change without Notice
Figure 12. PLL Power Supply Filter Circuit
1.6.3 Decoupling Recommendations
The MPC105 can generate transient power surges and high frequency noise in its power supply, especially
while driving large capacitive loads. This noise must be prevented from reaching other components in the
MPC105 system, and the MPC105 itself requires a clean, tightly regulated source of power. Therefore, it is
recommended that the system designer place a decoupling capacitor with a low ESR (effective series
resistance) rating to at least one Vdd pin of the MPC105.
This capacitor should be at least 0.1
µF to provide both high and low frequency filtering, and should be
placed as close as possible to their associated Vdd pin. Surface-mount tantulum or ceramic devices are
preferred. It is also recommended that these decoupling capacitors receive their power from Vdd and GND
power planes in the PCB, utilizing short traces to minimize inductance in the traces. Power and ground
connections must be made to all external Vdd and GND pins of the MPC105.
1.6.4 Connection Recommendations
To ensure reliable operation, it is highly recommended to connect unused inputs to an appropriate signal
level. Unused active-low inputs should be connected to Vdd. Unused active-high inputs should be
connected to GND.
Note that in 32-bit data bus mode, the unused processor bus data signals (DL0-DL31) must be connected to
pull-up resistors for proper device operation.
1.6.5 MPC105 Thermal Management Information
The use of C4 die on a CBGA interconnect technology offers significant reduction in both the signal delay
and the microelectronic packaging volume. Figure 13 shows the salient features of the C4/CBGA
interconnect technology. The C4 interconnection provides both the electrical and the mechanical
connections for the die to the ceramic substrate. After the C4 solder bump is reflowed, epoxy (encapsulant)
is under-filled between the die and the substrate. Under-fill material is commonly used on large high-power
die; however, this is not a requirement of the C4 technology. The package substrate is a 21 mm multilayer-
cofired ceramic. The package-to-board interconnection is by an array of orthogonal 90/10 (lead/tin) solder
balls on 1.27 mm pitch. During assembly of the C4/CBGA package to the board, the high-melt balls do not
collapse.
Figure 13. Exploded Cross-Sectional View
Vdd
AVdd
10 Ohms
10 uF
0
.1 uF
GND
Chip with C4 Encapsulant
Ceramic Substrate
CBGA Joint
Printed-Circuit Board
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com