Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN2 Datasheet (PDF) - TiMOTION Technology Co. Ltd.

VN2 Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # VN2
Download  VN2 Download
File Size   541.67 Kbytes
Page   7 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 500N (push / pull)

VN2 Datasheet (PDF)

Go To PDF Page Download Datasheet
VN2 Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # VN2
Download  VN2 Click to download

File Size   541.67 Kbytes
Page   7 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 500N (push / pull)

VN2 Datasheet (HTML) - TiMOTION Technology Co. Ltd.


VN2 Product details

General Features
Max. load 500N (push / pull)
Max. speed at max. load 8.35mm/s
Max. speed at no load 10.8mm/s
Retracted length ≥ Stroke + 189mm
IP rating IP66
Stroke 20~500mm
Output signals Hall sensors
Voltage 12/24V DC; 12/24V DC (thermal switch)
Operational temperature range -25°C~+65°C
Operational temperature range +5°C~+45°C
at full performance




Similar Part No. - VN2

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
VN20 SCHNEIDER-VN20 Datasheet
127Kb / 3P
TeSys Mini-VARIO - Switch body for switchdisconnector 3 poles - 20 A
Jul 12, 2021
VN20 SCHNEIDER-VN20 Datasheet
142Kb / 3P
TeSys Mini-VARIO - Switch body for switch-disconnector - 3 poles - 20 A
Jun 13, 2022
logo
Vishay Siliconix
VN2010L VISHAY-VN2010L Datasheet
45Kb / 4P
N-Channel 200-V (D-S) MOSFETs
16-Jul-01
logo
TEMIC Semiconductors
VN2010L TEMIC-VN2010L Datasheet
109Kb / 4P
N-Channel Enhancement-Mode MOS Transistors
logo
STMicroelectronics
VN20AN STMICROELECTRONICS-VN20AN Datasheet
189Kb / 11P
HIGH SIDE SMART POWER SOLID STATE RELAY
More results


Similar Description - VN2

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
JP3 TIMOTION-JP3 Datasheet
524Kb / 8P
Max. load 2,000N (push/pull)
20230627-H
MA3 TIMOTION-MA3 Datasheet
998Kb / 8P
Max. load 16,000N (push/pull)
20231020-K
MA4 TIMOTION-MA4 Datasheet
648Kb / 8P
Max. load 2,000N (push/pull)
20231106-F
MA6 TIMOTION-MA6 Datasheet
675Kb / 8P
Max. load 8,000N (push/pull)
20231106-B
SR1 TIMOTION-SR1 Datasheet
508Kb / 7P
Max. load 4,000N (push/pull)
20230509-B
TA11 TIMOTION-TA11 Datasheet
400Kb / 6P
Max. load 1,500N (push / pull)
20200211-D
TA25 TIMOTION-TA25 Datasheet
1,022Kb / 7P
Max. load 1,000N (push / pull)
20220712-E
TA29AC TIMOTION-TA29AC Datasheet
500Kb / 7P
Max. load 4,000N (push/pull)
20230724-C
TA2PAC TIMOTION-TA2PAC Datasheet
804Kb / 8P
Max. load 2,000N (push/pull)
20211230-A
VN3 TIMOTION-VN3 Datasheet
348Kb / 6P
Max. load 3,000N (push/pull)
20231206-E
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com