Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS902-A-R Datasheet (PDF) - Richtek Technology Corporation

CS902-A-R Datasheet PDF - Richtek Technology Corporation
Part # CS902-A-R
Download  CS902-A-R Download
File Size   253.82 Kbytes
Page   15 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Programmable Power Management IC for LCD Panels

CS902-A-R Datasheet (PDF)

Go To PDF Page Download Datasheet
CS902-A-R Datasheet PDF - Richtek Technology Corporation

Part # CS902-A-R
Download  CS902-A-R Click to download

File Size   253.82 Kbytes
Page   15 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Programmable Power Management IC for LCD Panels

CS902-A-R Datasheet (HTML) - Richtek Technology Corporation


CS902-A-R Product details

General Description
The CS902-A-R offers a compact power
supply solution to provide all voltages required
by a TFT-LCD panel. With its high current
capabilities, the device is ideal for large screen
LCD monitors panels and TV applications with
12V supply voltage. CS902-A-R is available in
a QFN 6x6-40L package.

Feature
 8V to 14V Input Supply Voltage
 Sync-Boost Regulator for AVDD with 13.5V to
19.8V Programmable Output and Current Limit
 Buck Regulator for VI/O with 2.2V to 3.7V
Programmable Output
 Positive Charge Pump Regulator for VGH with
20V to 40V Programmable Output and 0V to
15V Gate Shaping Voltage
 Negative Charge Pump Regulator for VGL with
-4.5V to -13.5V Programmable Output
 20V OPAMP with ±300mA Output Short Current
 Temperature Compensation for VGH
 Isolation Switch Function for AVDD
 Programmable Sequencing
 Fixed Switching Frequency 750kHz
 Over-Temperature Protection
 I
2C-Compatible Interface for Register Control
 Thin QFN 6x6 40-Lead Package
 RoHS Compliant and 100% Lead (Pb)-Free

Applications
 TFT LCD Monitor Panel
 TFT LCD TV Panel




Similar Part No. - CS902-A-R

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CS90-E2GA152MYGSA TDK-CS90-E2GA152MYGSA Datasheet
93Kb / 4P
Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
CS90-E2GA152MYNSA TDK-CS90-E2GA152MYNSA Datasheet
93Kb / 4P
Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
CS90-E2GA152MYVSA TDK-CS90-E2GA152MYVSA Datasheet
93Kb / 4P
Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
More results


Similar Description - CS902-A-R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2412AQ SONY-CXD2412AQ Datasheet
1Mb / 36P
Timing Generator for LCD Panels
CXD2442Q SONY-CXD2442Q Datasheet
9Mb / 70P
Timing Generator for LCD Panels
logo
Texas Instruments
TPS65162 TI-TPS65162 Datasheet
1Mb / 36P
Compact LCD Bias IC With High Speed Amplifiers for TV-LCD Panels
logo
Toshiba Semiconductor
JBT6K49-AS TOSHIBA-JBT6K49-AS Datasheet
186Kb / 14P
Power supply IC for TFT LCD Panels
logo
fujitsu semiconductor
MB39C313 FUJITSU-MB39C313 Datasheet
656Kb / 52P
4ch System Power Management IC for LCD Panel
logo
Richtek Technology Corp...
RT9991 RICHTEK-RT9991 Datasheet
251Kb / 14P
Power Management IC for SSD
RT9996 RICHTEK-RT9996 Datasheet
230Kb / 12P
Power Management IC for SSD
logo
Global Mixed-mode Techn...
G5520A GMT-G5520A Datasheet
186Kb / 1P
Bias Power Supply for TFT LCD Panels
G5520 GMT-G5520 Datasheet
140Kb / 1P
Bias Power Supply for TFT LCD Panels
logo
Silicon Mitus, Inc.
SM5007 SILICONMITUS-SM5007 Datasheet
645Kb / 2P
Power Management IC for IoT
March 2018 Rev1.0.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com