Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS902-A-R Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # CS902-A-R
Description  Programmable Power Management IC for LCD Panels
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

CS902-A-R Datasheet(HTML) 1 Page - Richtek Technology Corporation

  CS902-A-R Datasheet HTML 1Page - Richtek Technology Corporation CS902-A-R Datasheet HTML 2Page - Richtek Technology Corporation CS902-A-R Datasheet HTML 3Page - Richtek Technology Corporation CS902-A-R Datasheet HTML 4Page - Richtek Technology Corporation CS902-A-R Datasheet HTML 5Page - Richtek Technology Corporation CS902-A-R Datasheet HTML 6Page - Richtek Technology Corporation CS902-A-R Datasheet HTML 7Page - Richtek Technology Corporation CS902-A-R Datasheet HTML 8Page - Richtek Technology Corporation CS902-A-R Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Conceptual
CS902-A-R
www.richtek.com
June 13, 2013
1
General Description
The CS902-A-R offers a compact power
supply solution to provide all voltages required
by a TFT-LCD panel. With its high current
capabilities, the device is ideal for large screen
LCD monitors panels and TV applications with
12V supply voltage. CS902-A-R is available in
a QFN 6x6-40L package.
Pin Configurations
Feature
8V to 14V Input Supply Voltage
Sync-Boost Regulator for AVDD with 13.5V to
19.8V Programmable Output and Current Limit
Buck Regulator for VI/O with 2.2V to 3.7V
Programmable Output
Positive Charge Pump Regulator for VGH with
20V to 40V Programmable Output and 0V to
15V Gate Shaping Voltage
Negative Charge Pump Regulator for VGL with
-4.5V to -13.5V Programmable Output
20V OPAMP with
±±±±300mA Output Short Current
Temperature Compensation for VGH
Isolation Switch Function for AVDD
Programmable Sequencing
Fixed Switching Frequency 750kHz
Over-Temperature Protection
I
2C-Compatible Interface for Register Control
Thin QFN 6x6 40-Lead Package
RoHS Compliant and 100% Lead (Pb)-Free
Applications
TFT LCD Monitor Panel
TFT LCD TV Panel
Programmable Power Management IC for LCD Panels


Similar Part No. - CS902-A-R

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CS90-E2GA152MYGSA TDK-CS90-E2GA152MYGSA Datasheet
93Kb / 4P
Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
CS90-E2GA152MYNSA TDK-CS90-E2GA152MYNSA Datasheet
93Kb / 4P
Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
CS90-E2GA152MYVSA TDK-CS90-E2GA152MYVSA Datasheet
93Kb / 4P
Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
More results

Similar Description - CS902-A-R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2412AQ SONY-CXD2412AQ Datasheet
1Mb / 36P
Timing Generator for LCD Panels
CXD2442Q SONY-CXD2442Q Datasheet
9Mb / 70P
Timing Generator for LCD Panels
logo
Texas Instruments
TPS65162 TI-TPS65162 Datasheet
1Mb / 36P
Compact LCD Bias IC With High Speed Amplifiers for TV-LCD Panels
logo
Toshiba Semiconductor
JBT6K49-AS TOSHIBA-JBT6K49-AS Datasheet
186Kb / 14P
Power supply IC for TFT LCD Panels
logo
fujitsu semiconductor
MB39C313 FUJITSU-MB39C313 Datasheet
656Kb / 52P
4ch System Power Management IC for LCD Panel
logo
Richtek Technology Corp...
RT9991 RICHTEK-RT9991 Datasheet
251Kb / 14P
Power Management IC for SSD
RT9996 RICHTEK-RT9996 Datasheet
230Kb / 12P
Power Management IC for SSD
logo
Global Mixed-mode Techn...
G5520A GMT-G5520A Datasheet
186Kb / 1P
Bias Power Supply for TFT LCD Panels
G5520 GMT-G5520 Datasheet
140Kb / 1P
Bias Power Supply for TFT LCD Panels
logo
Silicon Mitus, Inc.
SM5007 SILICONMITUS-SM5007 Datasheet
645Kb / 2P
Power Management IC for IoT
March 2018 Rev1.0.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com