Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS902-A-R Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # CS902-A-R
Description  Programmable Power Management IC for LCD Panels
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

CS902-A-R Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button CS902-A-R Datasheet HTML 4Page - Richtek Technology Corporation CS902-A-R Datasheet HTML 5Page - Richtek Technology Corporation CS902-A-R Datasheet HTML 6Page - Richtek Technology Corporation CS902-A-R Datasheet HTML 7Page - Richtek Technology Corporation CS902-A-R Datasheet HTML 8Page - Richtek Technology Corporation CS902-A-R Datasheet HTML 9Page - Richtek Technology Corporation CS902-A-R Datasheet HTML 10Page - Richtek Technology Corporation CS902-A-R Datasheet HTML 11Page - Richtek Technology Corporation CS902-A-R Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Conceptual
CS902-A-R
www.richtek.com
June 13, 2013
8
Conf
ident
ial
for
CSO
VL Output Voltage
VL
5
V
Out Voltage Tolerance
∆VL
Out Voltage Tolerance
-1
+1
%
FAULT DETECTION
Fault Trigger Duration
50
ms
Thermal Shutdown Threshold
Temperature rising
--
150
--
°C
LOGIC INPUTS(SDA, SCL, HVS, EN, VFLK)
Input High Voltage
VIH
1.7
V
Input Low Voltage
VIL
0.6
V
Input Leakage Current
IIH, IIL
VIN=0 or 3.3V
-1
+0.01
+1
µA
Input Capacitance
5
pF
SDA Output Low Voltage
VOL
ISINK=6mA
0.3
V
I
2C TIMING CHARACTERISTICS
Serial-Clock Frequency
fSCL
0
400
kHz
Bus Free Time Between STOP
and START Conditions
tBUF
1.3
µs
Hold Time (Repeated) START
Condition
tHD,STA
0.6
µs
SCL Pulse-Width Low
tLOW
1.3
µs
SCL Pulse-Width High
tHIGH
0.6
µs
Setup Time for a Repeated
START Condition
tSU,STA
0.6
µs
Data Hold Time
tHD,DAT
0
800
ns
Data Setup Time
tSU,DAT
100
ns
SDA and SCL Receiving Rise
Time
tR
20+0.1
CB
300
ns
SDA and SCL Receiving Fall
Time
tF
20+0.1
CB
300
ns
SDA Transmitting Fall Time
tF
20+0.1
CB
250
ns
Setup Time for STOP Condition
tSU_STO
0.6
µs
Bus Capacitance
CB
400
pF
Pulse Width of Suppressed
Spike
tSP
50
ns
INTERNAL OSCILLATOR
Oscillator Frequency
Fosc
600
750
900
kHz
Maximum Duty Cycle
90
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com