Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS902-A-R Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # CS902-A-R
Description  Programmable Power Management IC for LCD Panels
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

CS902-A-R Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button CS902-A-R Datasheet HTML 7Page - Richtek Technology Corporation CS902-A-R Datasheet HTML 8Page - Richtek Technology Corporation CS902-A-R Datasheet HTML 9Page - Richtek Technology Corporation CS902-A-R Datasheet HTML 10Page - Richtek Technology Corporation CS902-A-R Datasheet HTML 11Page - Richtek Technology Corporation CS902-A-R Datasheet HTML 12Page - Richtek Technology Corporation CS902-A-R Datasheet HTML 13Page - Richtek Technology Corporation CS902-A-R Datasheet HTML 14Page - Richtek Technology Corporation CS902-A-R Datasheet HTML 15Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Conceptual
CS902-A-R
www.richtek.com
June 13, 2013
11
−
3dB Bandwidth
F3dB
RL = 10kΩ, CL = 10pF
16
MHz
Gain Bandwidth Product
GBW
RL = 10kΩ, CL = 10pF
12
MHz
Slew Rate
35
V/us
Note 1. Stresses listed as the above "Absolute Maximum Ratings" may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may remain
possibility to affect device reliability.
Note 2. Devices are ESD sensitive. Handling precaution recommended.
Note 3. The device is not guaranteed to function outside its operating conditions.
Note 4.
JA
is measured in the natural convection at TA = 25C on the high effective thermal conductivity four layers thermal
test board of JEDEC 51-7 thermal measurement standard. The case point of
JC
is on the expose pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com