Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS902-A-R Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # CS902-A-R
Description  Programmable Power Management IC for LCD Panels
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

CS902-A-R Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button CS902-A-R Datasheet HTML 5Page - Richtek Technology Corporation CS902-A-R Datasheet HTML 6Page - Richtek Technology Corporation CS902-A-R Datasheet HTML 7Page - Richtek Technology Corporation CS902-A-R Datasheet HTML 8Page - Richtek Technology Corporation CS902-A-R Datasheet HTML 9Page - Richtek Technology Corporation CS902-A-R Datasheet HTML 10Page - Richtek Technology Corporation CS902-A-R Datasheet HTML 11Page - Richtek Technology Corporation CS902-A-R Datasheet HTML 12Page - Richtek Technology Corporation CS902-A-R Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Conceptual
CS902-A-R
www.richtek.com
June 13, 2013
9
Conf
ident
ial
for
CSO
SYNC-BOOST CONVERTER (AVDD)
LXO Regulation Voltage Range
VLXO
HVS=0, programmable step 0.1V
13.5
19.8
V
LXO Regulation Voltage
Tolerance
-1%
+1%
HVS Voltage
VHVS
Programmable step 0.2V
0
3
V
Low Side LX On-Resistance
RDS(ON)
ILX = 500 mA.
100
m
Low Side LX Current Limit
ILIM
4.25
5
5.75
A
Low Side LX Current Limit
negative offset
current limit value=
Ityp - offset register value x 0.4(A)
0
2.8
A
Switch Leakage Current
Ileak
VLX = 16.5 V
1
10
uA
Soft-start time
--
10
20
ms
LXI Over-Voltage Protection
VOVP
VLXI rising, hysteresis = 1.5V
20.5
21.5
22.5
V
LXO Line Regulation
8V
≤ V
IN
≤ 14V, I
out = 1mA
±0.08
%/V
LXO Load Regulation
1mA
≤ I
out
≤ 2A
±1
%/A
Trans-Conductance of Error
Amplifier
Gm
240
uA/V
Gain of Error Amplifier
Av
1000
V/V
LXO Fault Trip Level
VLXO falling
80
%
High Side LX On-Resistance
RDS(ON)
ISW = 0.2A.
400
m
ISW
≥ 2.5A.
1.5
ms
Short-Circuit Trigger Duration
ISW
≥ 4.5A.
100
us
BUCK1 CONVERTER (VI/O)
OUTB1 Regulation Voltage
Range
VOUTB1
Programmable step 0.1V
2.2
3.7
V
OUTB1 Regulation Voltage
Tolerance
Iload = 10mA
-2%
+2%
V
LXB1 to VINB1 N-MOSFET
On-Resistance
RDS(ON)
ILXB1 = 500 mA
150
m
LXB1 Positive Current Limit
ILIM
3.0
3.5
4.0
A
LXB1 to PGND N-MOSFET
On-Resistance
6
OUTB1 Line Regulation
8V
≤ V
IN
≤ 14V, I
out = 1mA
0.005
%/V
OUTB1 Load Regulation
1mA
≤ I
out
≤ 2.5A
0.25
%/A
Soft Start Period
TSS
3
ms
OUTB1 Fault Trip Level
VOUTB1 falling
80
%
POSITIVE CHARGE PUMP CONTROLLER (VGH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com