Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS902-A-R Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # CS902-A-R
Description  Programmable Power Management IC for LCD Panels
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

CS902-A-R Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button CS902-A-R Datasheet HTML 6Page - Richtek Technology Corporation CS902-A-R Datasheet HTML 7Page - Richtek Technology Corporation CS902-A-R Datasheet HTML 8Page - Richtek Technology Corporation CS902-A-R Datasheet HTML 9Page - Richtek Technology Corporation CS902-A-R Datasheet HTML 10Page - Richtek Technology Corporation CS902-A-R Datasheet HTML 11Page - Richtek Technology Corporation CS902-A-R Datasheet HTML 12Page - Richtek Technology Corporation CS902-A-R Datasheet HTML 13Page - Richtek Technology Corporation CS902-A-R Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Conceptual
CS902-A-R
www.richtek.com
June 13, 2013
10
VGH_L Regulation Voltage
Range
VVGH_L
Programmable step 1V
20
35
V
VGH_H Offset Voltage
VVGH_OS
VVGH_H=VVGH_L + VVGH_OS,
programmable step 1V
0
15
V
VGH_H Regulation Voltage
Range
VVGH_H
20
40
V
VGH = VVGHnominal - 5%
--
3.5
--
mA
DRVP Sink Current
IDRVP
VGH < 20%
80
uA
Out Voltage Tolerance
VGH
-2%
+2%
VGH Load Regulation Error
VDRVP=16V, 50uA<IDRVP<1mA
120
mV/mA
Soft Start Period
TSS
3
ms
VGH Fault Trip Level
VGH falling
80
%
NEGATIVE CHARGE PUMP CONTROLLER (VGL)
VGL Output Voltage VGL
Programmable
VGL
Programmable Step 0.6V
13.5
--
4.5
V
DRVN Source Current
IDRVN
VDRVN = 0.6V,
VGL= VGL(nominal) + 0.05V
--
3.5
--
mA
Regulation Voltage Tolerance
VDRVN = 0.6V, IDRVN =
100
μ
A
-1
--
1
%
VGL Load Regulation Error
VDRVN = 0.6V,
50
μ
A < IDRVN <
1mA
--
11
25
mV/mA
Soft-Start Period
tSS
3
ms
VGL Fault Trip Level
VGL Rising
VGL
+ 1.5
VGL
+ 2.5
V
Gate Pulse Modulation(GPM)
Gate shaping lower limit voltage
Programmable step 5V
0
15
V
VGH-to-VGHM Switch
On-resistance
VFLK=high
3
5
VGHM-to-RE Switch
On-Resistance
VFLK=low
3
5
OPAMP
Supply Current
IOP
4
mA
Input Offset Voltage
VOS
VCOM = AVDD/2
2
20
mV
Output Voltage Swing High
VOH
ILOAD = 50mA
Vs+
-1.5
Vs+
-0.6
--
V
Output Voltage Swing Low
VOL
ILOAD =
50mA
0.6
1.5
V
Short Circuit Current
To AVDD/2 Source or Sink for 1ms
300
350
400
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com