Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS902-A-R Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # CS902-A-R
Description  Programmable Power Management IC for LCD Panels
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

CS902-A-R Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button CS902-A-R Datasheet HTML 7Page - Richtek Technology Corporation CS902-A-R Datasheet HTML 8Page - Richtek Technology Corporation CS902-A-R Datasheet HTML 9Page - Richtek Technology Corporation CS902-A-R Datasheet HTML 10Page - Richtek Technology Corporation CS902-A-R Datasheet HTML 11Page - Richtek Technology Corporation CS902-A-R Datasheet HTML 12Page - Richtek Technology Corporation CS902-A-R Datasheet HTML 13Page - Richtek Technology Corporation CS902-A-R Datasheet HTML 14Page - Richtek Technology Corporation CS902-A-R Datasheet HTML 15Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Conceptual
CS902-A-R
www.richtek.com
June 13, 2013
13
Register Map
Channel
Address
Range
Resol
ution
MTP Factory
Initialization
Value
Bit (Step)
Channel Disable
Register
00h
0h ~ 3Fh
--
00h
8bits
AVDD
01h
13.5V(00h) ~ 19.8V(3Fh)
0.1V
15V(15h)
6bits (64 steps)
HVS
02h
0V(0h) ~ 3V(Fh)
0.2V
1.6V(08h)
4bits (16 steps)
AVDD OCP
(Negative offset)
03h
0A(0h) ~ 2.8A(7h)
0.4A
1.6A(04h)
3bits (8 steps)
AVDD Soft-Start
Time
04h
10ms(0h) ~ 20ms(1h)
10ms
10ms(0h)
1bits (2 steps)
Buck1 (VI/O)
05h
2.2V(0h) ~ 3.7V(Fh)
0.1V
3.3V(11h)
4bits (16 steps)
VGH_L
06h
20V(0h) ~ 35V(Fh)
1V
33V(13h)
4bits (16 steps)
VGH_H Offset
07h
0V(0h) ~ 15V(Fh)
1V
8V(08h)
4bits (16 steps)
GPM stop level
08h
5V(1h) ~ 15V(3h)
5V
5V(01h)
2bits (4 steps)
VGL
09h
-13.5V(Fh) ~ -4.5V(0h)
0.6V
-6.3V(03h)
4bits
Control Register1
FFh
00h: Read data form DAC register
01h : Read data form EEPROM register
51h : Write all DAC into EEPROM
A1h: All EEPROM to DAC register
--
01h
8bits
Channel Disable Register (Address 00h)
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Reserved
Reserved
Reserved
OPAMP
0 : Enable
1 : Disable
VGH
0 : Enable
1 : Disable
VGL
0 : Enable
1 : Disable
GPM
0 : Enable
1 : Disable
NTC
0 : Enable
1 : Disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com