Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS902-A-R Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # CS902-A-R
Description  Programmable Power Management IC for LCD Panels
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

CS902-A-R Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button CS902-A-R Datasheet HTML 3Page - Richtek Technology Corporation CS902-A-R Datasheet HTML 4Page - Richtek Technology Corporation CS902-A-R Datasheet HTML 5Page - Richtek Technology Corporation CS902-A-R Datasheet HTML 6Page - Richtek Technology Corporation CS902-A-R Datasheet HTML 7Page - Richtek Technology Corporation CS902-A-R Datasheet HTML 8Page - Richtek Technology Corporation CS902-A-R Datasheet HTML 9Page - Richtek Technology Corporation CS902-A-R Datasheet HTML 10Page - Richtek Technology Corporation CS902-A-R Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Conceptual
CS902-A-R
www.richtek.com
June 13, 2013
7
Absolute Maximum Ratings (Note 1)
EN, AVIN, VINB1, LXI, LXO, POS, NEG, OP_OUT to PGND --------------------------------------- 
−0.3 to 24V
POS to NEG ------------------------------------------------------------------------------------------------------ 
−0.3 to 10V
LX to PGND ------------------------------------------------------------------------------------------------------ 
−0.3 to 24V
VL, NTC, COMP, SDA, SCL, A1, A0, HVS, OUTB1, to PGND -------------------------------------- 
−0.3 to 6V
LXB1 to PGND --------------------------------------------------------------------------------------------------- 0.3 to (VINBx+0.3V)
BOOT1 to LXB1 ------------------------------------------------------------------------------------------------- 
−0.3 to 6V
DRVN to PGND -------------------------------------------------------------------------------------------------- 
−0.3 to 6V
VGHM, RE, DRVP to PGND ---------------------------------------------------------------------------------- 
−0.3 to +40V
VGL to VL --------------------------------------------------------------------------------------------------------- 
−24V to +0.3V
PGND to AGND ---------------------------------------------------------------------------------------------------- ±0.3V
PGND to AGND -----------------------------------------------------------------------------------------------------
±0.3V
Power Dissipation, PD @ TA = 25
°C
VQFN-40L 6x6 ------------------------------------------------------------------------------------------------------ 3.2W
Package Thermal Resistance (Note 2)
VQFN-40L 6x6,
θJA ------------------------------------------------------------------------------------------------- 32.5°C/W
VQFN-40L 6x6,
θJC ------------------------------------------------------------------------------------------------ 6.5°C/W
Junction Temperature ---------------------------------------------------------------------------------------------- 150
°C
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------ 260
°C
Storage Temperature Range -------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Model) --------------------------------------------------------------------------------------- 2kV
MM (Machine Model) ---------------------------------------------------------------------------------------------- 200V
Recommended Operating Conditions (Note 3)
Junction Temperature Range-------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range-------------------------------------------------------------------------------------
−40°C to 85°
Electrical Characteristics
(Typical values VIN=12V, EN=high, VAVDD=16V, Buck1(VI/O)=3.3V, VGH=26V, VGL=-5V with typical values TA = 25  C, unless
otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
SUPPLY CURRENT
Input Voltage Range
VIN
8
14
V
Quiescent Current into AVIN
LX, LXB1 switching
7
Quiescent Current into VINB1
IQIN
LX, LXB1 not switching
0.2
mA
Under-Voltage Lockout
Threshold
VUVLO
VIN falling, hysteresis 400mV
6.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com