Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS902-A-R Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # CS902-A-R
Description  Programmable Power Management IC for LCD Panels
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

CS902-A-R Datasheet(HTML) 2 Page - Richtek Technology Corporation

  CS902-A-R Datasheet HTML 1Page - Richtek Technology Corporation CS902-A-R Datasheet HTML 2Page - Richtek Technology Corporation CS902-A-R Datasheet HTML 3Page - Richtek Technology Corporation CS902-A-R Datasheet HTML 4Page - Richtek Technology Corporation CS902-A-R Datasheet HTML 5Page - Richtek Technology Corporation CS902-A-R Datasheet HTML 6Page - Richtek Technology Corporation CS902-A-R Datasheet HTML 7Page - Richtek Technology Corporation CS902-A-R Datasheet HTML 8Page - Richtek Technology Corporation CS902-A-R Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Conceptual
CS902-A-R
www.richtek.com
June 13, 2013
2
Pin Assignment
Pin Number
Pin Name
Pin Function
1,2
VINB1
Power input voltage pins for the VI/O buck converter. VINB1 is
internally connected to VINB3.
22,24,27
NC
Not connected. Should be floating or connected to GND
3
AVIN
Analog input voltage of the device. This is the input for the analog
circuits. Connect this pin with a decoupling capacitor.
4
AGND
Analog ground.
5
SDA
I
2C compatible serial-data input/output.
6
SCL
I
2C compatible serial-clock input.
7
A0
I
2C compatible device address bit 0.
8
HVS
Boost HVS enable.
9
NC
Not connected. Should be floating.
10
COMP
Compensation pin for the boost converter.
11
VL
Internal logic regulator output. Connect this pin with a decoupling
capacitor.
12
NTC
Temperature compensation pin for VGH.
13,14
PGND
Power ground.
15,16
LX
Switch pins of the boost converter.
17
LXI
High side switch input pin.
18,19
LXO
High side switch output pin. Also used for feedback of the boost
converter
20
VGL
Output sensing pin of the VGL negative charge pump.
21
DRVN
Base drive of the external NPN transistor for the VGL negative charge
pump.
23
DRVP
Base drive of the external PNP transistor for the VGH positive
charge pump.
25
A1
I
2C compatible device address bit 1.
26
VFLK
Gate Shaping Control Input. When VFLK is high, the switch between
VGH and VGHM is on and the switch between VGHM and RE is off.
When VFLK is low, the switch between VGH and VGHM is off and the
switch between VGHM and RE is on.
28
OGND
GND of OPAMP.
29
OP_OUT
OUTPUT of OPAMP.
30
NEG
Negative Input of OPAMP
31
POS
Positive Input of OPAMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com