Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet (PDF) - Aceinna Inc.

MFC2000 Datasheet PDF - Aceinna Inc.
Part # MFC2000
Download  MFC2000 Download
File Size   469.18 Kbytes
Page   8 Pages
Manufacturer  ACEINNA [Aceinna Inc.]
Direct Link  https://www.aceinna.com/
Logo ACEINNA - Aceinna Inc.
Description High Performance Bi-Directional Digital MEMS Gas Flow Sensor

MFC2000 Datasheet (PDF)

Go To PDF Page Download Datasheet
MFC2000 Datasheet PDF - Aceinna Inc.

Part # MFC2000
Download  MFC2000 Click to download

File Size   469.18 Kbytes
Page   8 Pages
Manufacturer  ACEINNA [Aceinna Inc.]
Direct Link  https://www.aceinna.com/
Logo ACEINNA - Aceinna Inc.
Description High Performance Bi-Directional Digital MEMS Gas Flow Sensor

MFC2000 Datasheet (HTML) - Aceinna Inc.


MFC2000 Product details

FEATURES
 Bi d irectional f low (±30 or ±
 High d ynamic r ange
 ±3% m.v. accuracy
 ±0.8 % m. r epeatability
 Low power consumption
 Fast response time
 Single 2.7 - 5.5Vdc power supply
 Digital I 2 C output
 Standard push in fitting sizes
 Custom f luid connector available
 Temperature compensated
 Highly configurable firmware
 Easy-to-use PC-based GUI
 RoHS and WEEE compliant

APPLICATIONS
 Medical gas flow measurement and control
 Industrial gas flow measurement and control
 Consumer products

DESCRIPTION
MFC2000 series is a new gas flow sensing module platform based on ACEINNA’s proprietary CMOS technology for thermal mass flow sensing. It can measure up to 70 SLM bi-directional flow rate with +/-3.0% accuracy.
The sensing element is monolithically integrated with CMOS signal processing circuitry and embedded software capable of converting gas flow rates to a digital output with very high repeatability. The module has very low operating power consumption (< 5 mA) and a low power consumption sleep mode (<100 μA) for optimal power management in portable applications. The MFC2000 series is externally powered, up to 5.5V (3.3V typ.). I2C digital output is standard. Other output available upon request.
The MFC2000 series includes firmware that is highly configurable, offering the user a variety of settings that can be tailored to specific applications. This includes data output type, calibration settings, measurement modes, and power consumption. A user-friendly PC-based application offers the user a variety of data collection options, including real-time graphical display. Mechanically, the unit includes fittings that can accept a variety of standard inlet tube sizes.
MFC2000 series is a true thermal mass flow sensing module, and can easily be configured to suit a variety of applications, from medical flow to industrial processing. Customized versions, including customer specific bulk channel and mounting options are available.
For more information, please contact ACEINNA at info@ACEINNA.com.




Similar Part No. - MFC2000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MFC2000 ETC-MFC2000 Datasheet
2Mb / 426P
Multifunctional Peripheral Controller 2000
More results


Similar Description - MFC2000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GFL-9722 ETC2-GFL-9722 Datasheet
229Kb / 3P
Gas flow sensor
logo
Omron Electronics LLC
D6F-01A1-110 OMRON-D6F-01A1-110 Datasheet
77Kb / 3P
MEMS Flow Sensor
D6F-01 OMRON-D6F-01 Datasheet
195Kb / 6P
MEMS Flow Sensor
D6F-01N OMRON-D6F-01N Datasheet
265Kb / 6P
MEMS Flow Sensor
D6F-P0010A OMRON-D6F-P0010A Datasheet
405Kb / 5P
MEMS Flow Sensor
D6F-V03A1 OMRON-D6F-V03A1 Datasheet
312Kb / 4P
MEMS Flow-Sensor
logo
Zhengzhou Winsen Electr...
GM-402B WINSEN-GM-402B Datasheet
978Kb / 7P
MEMS Combustible Gas Sensor
GM-502B WINSEN-GM-502B Datasheet
800Kb / 10P
MEMS VOC Gas Sensor
logo
ES Systems
ESRF-ESF ES-ESRF-ESF Datasheet
900Kb / 14P
Resistive MEMS Gas Flow Sensor
ESRF-HF ES-ESRF-HF Datasheet
718Kb / 9P
MEMS Resistive Gas Flow Sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com