Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 5 Page - Aceinna Inc.

Part # MFC2000
Description  High Performance Bi-Directional Digital MEMS Gas Flow Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACEINNA [Aceinna Inc.]
Direct Link  https://www.aceinna.com/
Logo ACEINNA - Aceinna Inc.

MFC2000 Datasheet(HTML) 5 Page - Aceinna Inc.

  MFC2000 Datasheet HTML 1Page - Aceinna Inc. MFC2000 Datasheet HTML 2Page - Aceinna Inc. MFC2000 Datasheet HTML 3Page - Aceinna Inc. MFC2000 Datasheet HTML 4Page - Aceinna Inc. MFC2000 Datasheet HTML 5Page - Aceinna Inc. MFC2000 Datasheet HTML 6Page - Aceinna Inc. MFC2000 Datasheet HTML 7Page - Aceinna Inc. MFC2000 Datasheet HTML 8Page - Aceinna Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ACEINNA MFC2030 v1.10
Page 5 of 8
CONFIDENTIAL
MFC2030 I2C Communication
MFC2030 Pin Configuration
Figure.1 MFC2030 Pin Configuration
Table.1 MFC2030 Pin Configuration
Pin
Name
Description
1
VDD
Power Supply
2
NA
3
SCL
Serial Clock Line for I2C bus
4
SDA
Serial Data Line for I2C bus
5
GND
Connect to Ground
6
GND
Connect to Ground
7
GND
Connect to Ground
8
NA
2. Hardware Connection
SCL and SDA pins must be connected with around 4.7k Ohm pull-up resistors to VDD, recommending voltage is 5V
+/- 10%.
Figure.2 Pull-up Resistors Connection
3. I2C Read and Write Timing
I2C communication using standard I2C protocol, as shown below, recommending SCL frequency about 100kHz.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com