Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 7 Page - Aceinna Inc.

Part # MFC2000
Description  High Performance Bi-Directional Digital MEMS Gas Flow Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACEINNA [Aceinna Inc.]
Direct Link  https://www.aceinna.com/
Logo ACEINNA - Aceinna Inc.

MFC2000 Datasheet(HTML) 7 Page - Aceinna Inc.

  MFC2000 Datasheet HTML 1Page - Aceinna Inc. MFC2000 Datasheet HTML 2Page - Aceinna Inc. MFC2000 Datasheet HTML 3Page - Aceinna Inc. MFC2000 Datasheet HTML 4Page - Aceinna Inc. MFC2000 Datasheet HTML 5Page - Aceinna Inc. MFC2000 Datasheet HTML 6Page - Aceinna Inc. MFC2000 Datasheet HTML 7Page - Aceinna Inc. MFC2000 Datasheet HTML 8Page - Aceinna Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ACEINNA MFC2030 v1.10
Page 7 of 8
CONFIDENTIAL
As Table.4 below shown, after slave receives a 7-bit address 0x31 and a read bit 1 from master, if slave
’s SCL pin
receives pulses of 2 bytes data generated by master, accordingly the slave
’s SDA pin will return 2 bytes flow data as
Table.5 shown.
Table.4 The Data and Pulses Master Sends while Master Reads Data from Slave
Slave Address + Read bit
Pluses of 2 Bytes
0x62 = (0x31<<1) + 1
High Byte, Low Byte
Table.5 The Data Slave Returns while Master Reads Data from Slave
High Byte
Low Byte
Notes:
a.
‘0x’ means that the data mentioned in this note is hexadecimal.
b.
‘<<’ means data shifts left.
c. Slave returns the high byte first, then the low byte.
d. If you want to read temperature data from register 1, just change the register address as 0x01 as step (1), and
then finish the step (2).
e. There must be at least 10ms time delay between any two register reading operations, otherwise, the data will not
be updated.
f. Any other registers are not available for customer, if you write any data to any register we didn
’t mention in this
note, it probably cause MFC2030
’s firmware broken!
6. Data Format
The output data of register 0 is 16-bit signed integer data, which is from -32000 to 32000 sccm.
The output data of register 1 is 16-bit signed integer data, which needs to be divided by 10 to get the measured
temperature (Unit: Celsius Degree).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com