Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 1 Page - Aceinna Inc.

Part # MFC2000
Description  High Performance Bi-Directional Digital MEMS Gas Flow Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACEINNA [Aceinna Inc.]
Direct Link  https://www.aceinna.com/
Logo ACEINNA - Aceinna Inc.

MFC2000 Datasheet(HTML) 1 Page - Aceinna Inc.

  MFC2000 Datasheet HTML 1Page - Aceinna Inc. MFC2000 Datasheet HTML 2Page - Aceinna Inc. MFC2000 Datasheet HTML 3Page - Aceinna Inc. MFC2000 Datasheet HTML 4Page - Aceinna Inc. MFC2000 Datasheet HTML 5Page - Aceinna Inc. MFC2000 Datasheet HTML 6Page - Aceinna Inc. MFC2000 Datasheet HTML 7Page - Aceinna Inc. MFC2000 Datasheet HTML 8Page - Aceinna Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ACEINNA MFC2030 v1.05
Page 1 of 8
CONFIDENTIAL
High Performance Bi-Directional
Digital MEMS Gas Flow Sensor
MFC2000 Series
FEATURES
Bi-directional flow (±30 or ±70SLM)
High dynamic range
±3% m.v. accuracy
±0.8% m.v. repeatability
Low power consumption
Fast response time
Single 2.7 - 5.5Vdc power supply
Digital I2C output
Standard push-in fitting sizes
Custom fluid connector available
Temperature compensated
Highly configurable firmware
Easy-to-use PC-based GUI
RoHS and WEEE compliant
APPLICATIONS
 Medical gas flow measurement and control
 Industrial gas flow measurement and control
 Consumer products
DESCRIPTION
MFC2000 series is a new gas flow sensing module
platform based on ACEINNA
’s proprietary CMOS
technology for thermal mass flow sensing. It can
measure up to 70 SLM bi-directional flow rate with +/-
3.0% accuracy.
The sensing element is monolithically integrated with
CMOS signal processing circuitry and embedded
software capable of converting gas flow rates to a
digital output with very high repeatability. The module
has very low operating power consumption (< 5 mA)
and a low power consumption sleep mode (<100 µA)
for
optimal
power
management
in
portable
applications. The MFC2000 series is
externally powered, up to 5.5V (3.3V typ.). I2C digital
output is standard. Other output available upon
request.
The MFC2000 series includes firmware that is highly
configurable, offering the user a variety of settings that
can be tailored to specific applications. This includes
data output type, calibration settings, measurement
modes, and power consumption. A user-friendly PC-
based application offers the user a variety of data
collection
options,
including
real-time
graphical
display. Mechanically, the unit includes fittings that
can accept a variety of standard inlet tube sizes.
MFC2000 series is a true thermal mass flow sensing
module, and can easily be configured to suit a variety
of
applications,
from
medical
flow
to
industrial
processing. Customized versions, including customer
specific bulk channel and mounting options are
available.
For more information, please contact ACEINNA at
info@ACEINNA.com.
Information furnished by ACEINNA is believed to be accurate and reliable. However, no
responsibility is assumed by ACEINNA for its use, or for any infringements of patents or
other rights of third parties, which may result from its use.
No license is granted by
implication or otherwise under any patent or patent rights of ACEINNA.
ACEINNA, Inc.
One Technology Drive, Suite 325, Andover, MA 01810, USA
Tel: +1 978 738 0900
Fax: +1 978 738 0196
www.ACEINNA.com
MFC2030
±30 SLM version.


Similar Part No. - MFC2000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MFC2000 ETC-MFC2000 Datasheet
2Mb / 426P
Multifunctional Peripheral Controller 2000
More results

Similar Description - MFC2000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GFL-9722 ETC2-GFL-9722 Datasheet
229Kb / 3P
Gas flow sensor
logo
Omron Electronics LLC
D6F-01A1-110 OMRON-D6F-01A1-110 Datasheet
77Kb / 3P
MEMS Flow Sensor
D6F-01 OMRON-D6F-01 Datasheet
195Kb / 6P
MEMS Flow Sensor
D6F-01N OMRON-D6F-01N Datasheet
265Kb / 6P
MEMS Flow Sensor
D6F-P0010A OMRON-D6F-P0010A Datasheet
405Kb / 5P
MEMS Flow Sensor
D6F-V03A1 OMRON-D6F-V03A1 Datasheet
312Kb / 4P
MEMS Flow-Sensor
logo
Zhengzhou Winsen Electr...
GM-402B WINSEN-GM-402B Datasheet
978Kb / 7P
MEMS Combustible Gas Sensor
GM-502B WINSEN-GM-502B Datasheet
800Kb / 10P
MEMS VOC Gas Sensor
logo
ES Systems
ESRF-ESF ES-ESRF-ESF Datasheet
900Kb / 14P
Resistive MEMS Gas Flow Sensor
ESRF-HF ES-ESRF-HF Datasheet
718Kb / 9P
MEMS Resistive Gas Flow Sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com