Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 6 Page - Aceinna Inc.

Part # MFC2000
Description  High Performance Bi-Directional Digital MEMS Gas Flow Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACEINNA [Aceinna Inc.]
Direct Link  https://www.aceinna.com/
Logo ACEINNA - Aceinna Inc.

MFC2000 Datasheet(HTML) 6 Page - Aceinna Inc.

  MFC2000 Datasheet HTML 1Page - Aceinna Inc. MFC2000 Datasheet HTML 2Page - Aceinna Inc. MFC2000 Datasheet HTML 3Page - Aceinna Inc. MFC2000 Datasheet HTML 4Page - Aceinna Inc. MFC2000 Datasheet HTML 5Page - Aceinna Inc. MFC2000 Datasheet HTML 6Page - Aceinna Inc. MFC2000 Datasheet HTML 7Page - Aceinna Inc. MFC2000 Datasheet HTML 8Page - Aceinna Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ACEINNA MFC2030 v1.10
Page 6 of 8
CONFIDENTIAL
Figure.3 MFC2030 I2C Communication Timing Example
Note: Timing example above shows slave responds to master with 2 bytes data and master sends 1 byte command
to slave respectively.
4. MFC2030
’s Register Map
Table.2 MFC2030 Register Map
Register
Address
Name
Description
Read
Write
0
Flow Rate
MSB
Yes
N/A
0
LSB
Yes
N/A
1
Temperature
MSB
Yes
N/A
1
LSB
Yes
N/A
5. MFC2030
’s Reading Operation
MFC2030 will update its registers every 10 ms interval, so the master can read out data from MFC2030
’s register 0,
1 every 10ms interval.
MFC2030 works as slave, in the first byte it receives, it must include 7-bit slave address(0x31), and a bit which is
either write bit(0) or read bit(1).
To read data from register, master must do writing operation first, which means master must write 1-byte register
address (it specify which address master starts to read from) to slave first, then master do reading operation. There
must be at least 1 ms delay between writing and reading operations.
For example, to read out the data in register 0, there are 2 steps as the following:
(1) Master Writes Register Address
Master should write the register address 0x00 into slave, specifying that master will read from register 0 of slave. As
Table.3 shown, the first byte master sends includes a 7-bit address 0x31 and a write bit 0, the second byte it sends is
register address 0x00.
Table.3 The Data Master Sends while Master Writes Register Address to Slave
Slave address + Write bit
Register Address
0x62 = (0x31<<1) + 0
0x00
(2) Master Reads Data from Slave



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com