Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 2 Page - Aceinna Inc.

Part # MFC2000
Description  High Performance Bi-Directional Digital MEMS Gas Flow Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACEINNA [Aceinna Inc.]
Direct Link  https://www.aceinna.com/
Logo ACEINNA - Aceinna Inc.

MFC2000 Datasheet(HTML) 2 Page - Aceinna Inc.

  MFC2000 Datasheet HTML 1Page - Aceinna Inc. MFC2000 Datasheet HTML 2Page - Aceinna Inc. MFC2000 Datasheet HTML 3Page - Aceinna Inc. MFC2000 Datasheet HTML 4Page - Aceinna Inc. MFC2000 Datasheet HTML 5Page - Aceinna Inc. MFC2000 Datasheet HTML 6Page - Aceinna Inc. MFC2000 Datasheet HTML 7Page - Aceinna Inc. MFC2000 Datasheet HTML 8Page - Aceinna Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ACEINNA MFC2030 v1.10
Page 2 of 8
CONFIDENTIAL
SENSOR CHARACTERISTICS
(Measurements performed with air at 23
C temperature, 1 Atm pressure, 50% RH, at 5.0V DC power supply,
unless otherwise specified). Calibration conditions for standard liters per minute slm: 20°C, 1013mbar.
Parameter
Condition
30 SLM
70 SLM
Unit
Measurement Range
Straight/Manifold Mounting
+/- 30
+/- 70
SLM
Flow Direction
Bi-directional
N/A
Supply DC Voltage
(VDD)
2.7
– 5.5
Vdc
Interface Voltage1
(VDDIO)
(See note 1)
2.7
– 3.0
V
Output Range
I2C Mode2
0
– 65,535
LSB
Operating Temperature
(20)
– 80
C
Calibrated Temperature
0
– 50
C
Storage Temperature
(40)
– 85
C
Relative Humidity
non-condensing
0
– 95
%
Supply Current3
Operating mode
5
mA
Sleep mode
100
µA
Accuracy4
0.01Qmax ≤ Q < Qmax
3.0
% m.v.
Q < 0.01Qmax
0.03
% F.S.
Repeatability5
ODR =
100Hz
0.1Qmax ≤ Q ≤ Qmax
0.8
% m.v.
Q < 0.1Qmax
0.08
% F.S.
ODR =
10Hz
0.1Qmax ≤ Q ≤ Qmax
0.3
% m.v.
Q < 0.1Qmax
0.03
% F.S.
RMS Noise at Zero Flow
ODR = 100Hz
25
sccm
ODR = 10Hz
8
sccm
Offset Shift w/Temp.
0 - 50
C
2
SCCM/
C
Total Error Band4
0 - 50
C, 0.1Qmax ≤ Q ≤ Q
max
3.5
% m.v.
Pressure Drop
Qmax
4
18
mbar
Sample Rate
10
msec
Orientation Sensitivity
< 60
sccm
Wake Time
Wake up from sleep mode
40
msec
Working Pressure
0 - 8
Bar
Module Weight
Includes aluminum inserts
< 100
g
Wetted Material
Si, SiO2, Si3N4, Aluminum, PPSU, Stainless steel, Viton, Nitrile rubber,
Aluminum alloy 3003, Epoxy, Silicone
Note 1: VDDIO is generated internally and should be used to set the logic high voltage for I2C interface. VDDIO can
supply a current up to 100 mA.
Note 2:
Use two’s complement as binary signed number representation.
Note 3:
Power consumption can be optimized using “Power-Cycle” configuration to program the wake and sleep
duration.
Note 4: Accuracy is defined as the sum of all dc errors (linearity) at 23
C. Error Band is defined as the sum of
accuracy and offset/span due to temperature. Both are measured after factory calibration, using internal
averaging (100x) to eliminate errors due to noise. If the end application requires a high Output Data Rate
(ODR), and cannot benefit from averaging, the total RMS error of any given measurement can be
calculated by adding the repeatability specification.
Note 5: Repeatability is defined as standard deviation divided by mean flow (% m.v.), or standard deviation divided
by F.S. (% F.S.). Average/ODR is programmable.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com