Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 4 Page - Aceinna Inc.

Part # MFC2000
Description  High Performance Bi-Directional Digital MEMS Gas Flow Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACEINNA [Aceinna Inc.]
Direct Link  https://www.aceinna.com/
Logo ACEINNA - Aceinna Inc.

MFC2000 Datasheet(HTML) 4 Page - Aceinna Inc.

  MFC2000 Datasheet HTML 1Page - Aceinna Inc. MFC2000 Datasheet HTML 2Page - Aceinna Inc. MFC2000 Datasheet HTML 3Page - Aceinna Inc. MFC2000 Datasheet HTML 4Page - Aceinna Inc. MFC2000 Datasheet HTML 5Page - Aceinna Inc. MFC2000 Datasheet HTML 6Page - Aceinna Inc. MFC2000 Datasheet HTML 7Page - Aceinna Inc. MFC2000 Datasheet HTML 8Page - Aceinna Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ACEINNA MFC2030 v1.10
Page 4 of 8
CONFIDENTIAL
PACKAGE DRAWING
The ACEINNA MFC2000 series Mass Flow Meter is mounted in chemically inert filled PPSU housing (available in
other material, see “Order Information”). The physical dimensions, mounting information and pin layout are provided
below. A push-in tube fitting or a PPSU flange (manifold mounting) is provided on inlet and outlet sides of the module
for flow connection. For electrical connection, an 8-pin male header (FCI 69168-108HLF) is provided on the topside
of the module for I2C interface connection. The recommended mechanical/electrical connectors are shown as
follows. The unit can be printed circuit board mounted is needed.
Recommended Connector
Example
Flow Fitting
Push-in connector included
See “Ordering Information”
Electrical
8 pin crimp to wire housing
(2.54mm pitch, 2 rows, 2.54mm
row space)
FCI 65846-016LF
MFC2000 module mechanical dimensions (in mm).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com