Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 3 Page - Aceinna Inc.

Part # MFC2000
Description  High Performance Bi-Directional Digital MEMS Gas Flow Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACEINNA [Aceinna Inc.]
Direct Link  https://www.aceinna.com/
Logo ACEINNA - Aceinna Inc.

MFC2000 Datasheet(HTML) 3 Page - Aceinna Inc.

  MFC2000 Datasheet HTML 1Page - Aceinna Inc. MFC2000 Datasheet HTML 2Page - Aceinna Inc. MFC2000 Datasheet HTML 3Page - Aceinna Inc. MFC2000 Datasheet HTML 4Page - Aceinna Inc. MFC2000 Datasheet HTML 5Page - Aceinna Inc. MFC2000 Datasheet HTML 6Page - Aceinna Inc. MFC2000 Datasheet HTML 7Page - Aceinna Inc. MFC2000 Datasheet HTML 8Page - Aceinna Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ACEINNA MFC2030 v1.10
Page 3 of 8
CONFIDENTIAL
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage (VDD
) ……….…………... 2.7 to +5.5V
Storage Temperature ……...….……..-40
C to +85C
Pressure ……….……………………..0 - 8 Bar Gauge
Shock ……………………..….………… 10g, 0.5ms
Vibration ………………..……………. 1g, 5 to 200 Hz
ESD ...
…………….. 4kV/8kV (contact/air discharge)
.
Note: Stresses above those listed under Absolute Maximum
Ratings may cause permanent damage to the device. This
is a stress rating only; the functional operation of the device
at these or any other conditions above those indicated in the
operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for
extended periods may affect the device’s reliability.
CONFIGURATION AND MARKING
Pinout Configuration:
Pin
Name
Description
1
VDD
Power Supply
2
VDDIO
I/O Voltage Reference
3
SCL
Serial Clock Line for I2C bus
4
SDA
Serial Data Line for I2C bus
5
GND
Connect to Ground
6
GND
Connect to Ground
7
GND
Connect to Ground
8
NC
Not Connected
Marking Illustration:
Line 1: The arrow sign of ACEINNA Logo denotes the
positive direction of flow
Line 2: Model name
Line 3: Barcode (shown below as a space)
Line 4: Lot number
THEORY OF OPERATION
The flow rate is detected by the MEMS thermal mass
flow sensor. The sensor chip, produced in ACEINNA
proprietary
CMOS
compatible
technology,
is
composed of a central heater source (micro heater)
and two temperature sensors (thermopiles), which are
placed symmetrically upstream and downstream of
the micro-heater. If no gas flows over the sensor
surface, the symmetric thermopiles measure the same
rise in temperature, resulting in the same output
voltage of the two thermopiles. If a non-zero gas flows
from the inlet to the outlet of the meter, the velocity of
a fully-developed laminar air flow unbalances the
temperature profile around the heater and heat is
transferred
from
upstream
thermopiles
to
the
downstream thermopiles, causing a change in the
voltages of the thermopiles. Larger gas flow rates
result in larger asymmetry in the profile.
Zero gas flow.
Non-zero gas flow.
Temp. profiles vs. distances/gas velocities.
MFC2030 pin configuration.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com