Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2743MTC/NOPB Datasheet (PDF) - Texas Instruments

LM2743MTC/NOPB Datasheet PDF - Texas Instruments
Part # LM2743MTC/NOPB
Download  LM2743MTC/NOPB Download
File Size   1165.63 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2743 2.2-V to 16-V Input, voltage mode, synchronous buck controller with tracking

LM2743MTC/NOPB Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2743MTC/NOPB Datasheet PDF - Texas Instruments

Part # LM2743MTC/NOPB
Download  LM2743MTC/NOPB Click to download

File Size   1165.63 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2743 2.2-V to 16-V Input, voltage mode, synchronous buck controller with tracking

LM2743MTC/NOPB Datasheet (HTML) - Texas Instruments


LM2743MTC/NOPB Product details

1 Features
1• Power stage input voltage from 1 V to 16 V
• Control stage input voltage from 3 V to 6 V
• Output voltage adjustable down to 0.6 V
• Power-good flag and shutdown
• Output overvoltage and undervoltage detection
• ±2% Feedback voltage accuracy over temperature
• Low-side adjustable current sensing
• Adjustable soft start
• Tracking and sequencing with shutdown and softstart
pins
• Switching frequency from 50 kHz to 1 MHz
• TSSOP-14 package
• Create a custom design using the LM2743 with
the WEBENCH® Power Designer

2 Applications
• 3.3-V Buck regulation
• Cable modem, DSL and ADSL
• Laser Jet and ink jet printers
• Low-voltage power modules
• DSP, ASIC, core, and I/O

3 Description
The LM2743 is a high-speed synchronous buck
regulator controller with an accurate feedback voltage
accuracy of ±2%. It can provide simple down
conversion to output voltages as low as 0.6 V.
Though the control sections of the IC are rated for 3
V to 6 V, the driver sections are designed to accept
input supply rails as high as 16 V. The use of
adaptive non-overlapping MOSFET gate drivers helps
avoid potential shoot-through problems while
maintaining high efficiency. The IC is designed for the
more cost-effective option of driving only N-channel
MOSFETs in both the high-side and low-side
positions. It senses the low-side switch voltage drop
for providing a simple, adjustable current limit.
The fixed-frequency voltage-mode PWM control
architecture is adjustable from 50 kHz to 1 MHz with
one external resistor. This wide range of switching
frequency gives the power supply designer the
flexibility to make better tradeoffs between
component size, cost and efficiency.
Features include soft start, input undervoltage lockout
(UVLO) and Power Good (based on both
undervoltage and overvoltage detection). In addition,
the shutdown pin of the IC can be used for providing
start-up delay, and the soft-start pin can be used for
implementing precise tracking, for the purpose of
sequencing with respect to an external rail.




Similar Part No. - LM2743MTC/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2743MTC/NOPB TI1-LM2743MTC/NOPB Datasheet
1Mb / 41P
LM2743 Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
More results


Similar Description - LM2743MTC/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40056 TI-TPS40056 Datasheet
769Kb / 31P
WIDE-INPUT SYNCHRONOUS, TRACKING BUCK CONTROLLER
TPS40304A TI-TPS40304A Datasheet
445Kb / 18P
3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40303 TI-TPS40303 Datasheet
1Mb / 29P
3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40304A TI-TPS40304A_1 Datasheet
527Kb / 20P
3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40303 TI-TPS40303_15 Datasheet
2Mb / 37P
TPS4030x 3-V to 20-V Input Synchronous Buck Controller
TPS40304A TI-TPS40304A_15 Datasheet
726Kb / 19P
3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40056 TI1-TPS40056_16 Datasheet
1Mb / 33P
WIDE-INPUT SYNCHRONOUS, TRACKING BUCK CONTROLLER
LM25141-Q1 TI1-LM25141-Q1 Datasheet
2Mb / 49P
2.2-MHz, 42-V Synchronous Buck Controller With Low IQ
TPS40345 TI1-TPS40345 Datasheet
1Mb / 26P
3-V to 20-V Input Synchronous Buck Controller
logo
STMicroelectronics
L3751 STMICROELECTRONICS-L3751 Datasheet
4Mb / 41P
Wide 6 V to 75 V input voltage synchronous buck controller
08-Apr-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com