Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2743MTC/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Part # LM2743MTC/NOPB
Description  LM2743 2.2-V to 16-V Input, voltage mode, synchronous buck controller with tracking
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2743MTC/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM2743MTC/NOPB Datasheet HTML 4Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 5Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 6Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 7Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 8Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 9Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 10Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 11Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
2V/div
1V/div
5V/div
100 ns/DIV
LG
SW
HG
2V/div
1V/div
5V/div
100 ns/DIV
HG
SW
LG
0
0.4 0.8 1.2 1.6
2
2.4 2.8 3.2 3.6
4
1.200
1.201
1.202
1.203
1.204
1.205
1.206
1.207
1.208
1.209
1.210
OUTPUT CURRENT (A)
TEMPERATURE (
oC)
-55 -35 -15
85 105 125
5
25
45
65
520
540
560
580
600
620
640
TEMPERATURE (
oC)
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
-40 -25 -10 5
80 95 110 125
20 35 50 65
TEMPERATURE (
oC)
-40 -25 -10 5
80 95 110125
20 35 50 65
23.9
24
24.1
24.2
24.3
24.4
24.5
24.6
24.7
24.8
24.9
8
LM2743
SNVS276I – APRIL 2004 – REVISED FEBRUARY 2019
www.ti.com
Product Folder Links: LM2743
Submit Documentation Feedback
Copyright © 2004–2019, Texas Instruments Incorporated
Typical Characteristics (continued)
fSW = 300 kHz
FDS6898A FET
No-Load
Figure 7. BOOT Pin Current vs Temperature for BOOT
Voltage = 12 V
Figure 8. Internal Reference Voltage vs Temperature
Figure 9. Frequency vs Temperature
Figure 10. Output Voltage vs Output Current
VCC = 3.3 V
VIN = 5 V
VOUT = 1.2 V
IOUT = 4 A
CSS = 12 nF
fSW = 300 kHz
Figure 11. Switch Waveforms (HG Rising)
VCC = 3.3 V
VIN = 5 V
VOUT = 1.2 V
IOUT = 4 A
CSS = 12 nF
fSW = 300 kHz
Figure 12. Switch Waveforms (HG Falling)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com