Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2743MTC/NOPB Datasheet(PDF) 27 Page - Texas Instruments

Part # LM2743MTC/NOPB
Description  LM2743 2.2-V to 16-V Input, voltage mode, synchronous buck controller with tracking
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2743MTC/NOPB Datasheet(HTML) 27 Page - Texas Instruments

Back Button LM2743MTC/NOPB Datasheet HTML 23Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 24Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 25Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 26Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 27Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 28Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 29Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 30Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
K =
POUT
POUT + PTOTAL
x 100%
-180
-156
-132
-108
-84
-60
100
1k
10k
100k
1M
FREQUENCY (Hz)
-40
-20
0
20
40
60
100
1k
10k
100k
1M
FREQUENCY (Hz)
27
LM2743
www.ti.com
SNVS276I – APRIL 2004 – REVISED FEBRUARY 2019
Product Folder Links: LM2743
Submit Documentation Feedback
Copyright © 2004–2019, Texas Instruments Incorporated
Typical Applications (continued)
The bandwidth and phase margin can be read graphically from Bode plots of HEA are shown in Figure 38.
Figure 37. Gain vs Frequency
Figure 38. Overall Loop Gain and Phase
The bandwidth of this example circuit is 59 kHz, with a phase margin of 60°.
8.2.1.2.9
Efficiency Calculations
The following is a sample calculation.
A reasonable estimation of the efficiency of a switching buck controller can be obtained by adding together the
Output Power (POUT) loss and the Total Power (PTOTAL) loss:
(47)
The Output Power (POUT) for the Figure 30 design is (1.2 V x 4 A) = 4.8 W. The Total Power (PTOTAL), with an
efficiency calculation to complement the design, is shown below.
The majority of the power losses are due to low and high side of MOSFET’s losses. The losses in any MOSFET
are group of switching (PSW) and conduction losses(PCND).
PFET = PSW + PCND = 61.38 mW + 270.42 mW
(48)
PFET = 331.8 mW
(49)
The following equations show FET Switching Loss (PSW).
PSW = PSW(ON) + PSW(OFF)
(50)
PSW = 0.5 x VIN x IOUT x (tr + tf) x fSW
(51)
PSW = 0.5 x 3.3 V x 4 A x 300 kHz x 31 ns
(52)
PSW = 61.38 mW
(53)
The FDS6898A has a typical turn-on rise time tr and turn-off fall time tf of 15 ns and 16 ns, respectively. The
switching losses for this type of dual N-Channel MOSFETs are 0.061 W.
The following equations show FET Conduction Loss (PCND).
PCND = PCND1 + PCND2
(54)
PCND1 = (IOUT)
2 x R
DS(ON) x k x D
(55)
PCND2 = (IOUT)
2 x R
DS(ON) x k x (1-D)
(56)
RDS(ON) = 13 mΩ and the factor is a constant value (k = 1.3) to account for the increasing RDS(ON) of a FET due to
heating.
PCND1 = (4A)
2 x 13 mΩ x 1.3 x 0.364
(57)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com