Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2743MTC/NOPB Datasheet(PDF) 29 Page - Texas Instruments

Part # LM2743MTC/NOPB
Description  LM2743 2.2-V to 16-V Input, voltage mode, synchronous buck controller with tracking
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2743MTC/NOPB Datasheet(HTML) 29 Page - Texas Instruments

Back Button LM2743MTC/NOPB Datasheet HTML 25Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 26Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 27Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 28Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 29Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 30Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 31Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 32Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
HG
BOOT
ISEN
LG
PGND
FB
VCC
SD
PWGD
FREQ
SS/TRACK
SGND
EAO
PGND
VCC = VIN= 3.3V
VOUT = 1.8V@2A
RFB2
CC2
RC1
RCS
CSS
RFADJ
RCC
CCC
D1
CBOOT
Q1
CIN1,2
L1
+
CC1
RFB1
CO1,2
LM2743
RC2
CC3
RPULL-UP
+
29
LM2743
www.ti.com
SNVS276I – APRIL 2004 – REVISED FEBRUARY 2019
Product Folder Links: LM2743
Submit Documentation Feedback
Copyright © 2004–2019, Texas Instruments Incorporated
Typical Applications (continued)
8.2.1.3 Application Curves
VCC = 3.3V
VOUT = 1.2V
IOUT = 4A
CSS = 12nF
fSW = 300 kHz
Figure 39. Start-Up (Full-Load)
VCC = 3.3 V
VOUT = 1.2 V
IOUT = 4 A
CSS = 12 nF
fSW = 300 kHz
Figure 40. Shutdown (Full-Load)
8.2.2 Example Circuit 1
Figure 41. 3.3 V to 1.8 V at 2 A, fSW = 300 kHz
8.2.2.1 Design Requirements
This design converts 3.3 V (VIN) to 1.8 V (VOUT) at a maximum load of 2 A, with a switching frequency of 300
kHz.
8.2.2.2 Detailed Design Procedure
Follow the detailed design procedure in Detailed Design Procedure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com