Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2743MTC/NOPB Datasheet(PDF) 22 Page - Texas Instruments

Part # LM2743MTC/NOPB
Description  LM2743 2.2-V to 16-V Input, voltage mode, synchronous buck controller with tracking
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2743MTC/NOPB Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM2743MTC/NOPB Datasheet HTML 18Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 19Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 20Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 21Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 22Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 23Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 24Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 25Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
22
LM2743
SNVS276I – APRIL 2004 – REVISED FEBRUARY 2019
www.ti.com
Product Folder Links: LM2743
Submit Documentation Feedback
Copyright © 2004–2019, Texas Instruments Incorporated
Typical Applications (continued)
In this example, in order to maintain a 2% peak-to-peak output voltage ripple and a 40% peak-to-peak inductor
current ripple, the required maximum ESR is 20 m
Ω. The Sanyo 4SP560M electrolytic capacitor will give an
equivalent ESR of 14 m
Ω. The capacitance of 560 µF is enough to supply energy even to meet severe load
transient demands.
8.2.1.2.6
MOSFETs
Selection of the power MOSFETs is governed by a tradeoff between cost, size, and efficiency. One method is to
determine the maximum cost that can be endured, and then select the most efficient device that fits that price.
Breaking down the losses in the high-side and low-side MOSFETs and then creating spreadsheets is one way to
determine relative efficiencies between different MOSFETs. Good correlation between the prediction and the
bench result is not specified, however. Single-channel buck regulators that use a controller IC and discrete
MOSFETs tend to be most efficient for output currents of 2A to 10A.
Losses in the high-side MOSFET can be broken down into conduction loss, gate charging loss, and switching
loss. Conduction loss, or I2R loss, is approximately:
PC = D ((IO)
2 x R
DSON-HI x 1.3) (High-Side MOSFET)
(26)
PC = (1 - D) x ((IO)
2 x R
DSON-LO x 1.3) (Low-Side MOSFET)
(27)
In the above equations, the factor 1.3 accounts for the increase in MOSFET RDSON due to heating. Alternatively,
the 1.3 can be ignored and the RDSON of the MOSFET estimated using the RDSON Vs. Temperature curves in the
MOSFET datasheets.
Gate charging loss results from the current driving the gate capacitance of the power MOSFETs, and is
approximated as:
PGC = n x (VDD) x QG x fSW
(28)
where ‘n’ is the number of MOSFETs (if multiple devices have been placed in parallel), VDD is the driving voltage
(see MOSFET Gate Drivers section) and QGS is the gate charge of the MOSFET. If different types of MOSFETs
are used, the n term can be ignored and their gate charges simply summed to form a cumulative QG. Gate
charge loss differs from conduction and switching losses in that the actual dissipation occurs in the LM2743, and
not in the MOSFET itself.
Switching loss occurs during the brief transition period as the high-side MOSFET turns on and off, during which
both current and voltage are present in the channel of the MOSFET. It can be approximated as:
PSW = 0.5 x VIN x IO x (tr + tf) x fSW
(29)
where tR and tF are the rise and fall times of the MOSFET. Switching loss occurs in the high-side MOSFET only.
For this example, the maximum drain-to-source voltage applied to either MOSFET is 3.6V. The maximum drive
voltage at the gate of the high-side MOSFET is 3.1V, and the maximum drive voltage for the low-side MOSFET
is 3.3V. Due to the low drive voltages in this example, a MOSFET that turns on fully with 3.1V of gate drive is
needed. For designs of 5A and under, dual MOSFETs in SOIC-8 package provide a good trade-off between size,
cost, and efficiency.
8.2.1.2.7
Support Components
CIN2 - A small value (0.1-µF to 1-µF) ceramic capacitor should be placed as close as possible to the drain of the
high-side MOSFET and source of the low-side MOSFET (dual MOSFETs make this easy). This capacitor should
be X5R type dielectric or better.
RCC, CCC- These are standard filter components designed to ensure smooth DC voltage for the chip supply. RCC
should be 1
Ω to 10 Ω. CCC should 1 µF, X5R type or better.
CBOOT- Bootstrap capacitor, typically 100 nF.
RPULL-UP – This is a standard pull-up resistor for the open-drain power good signal (PWGD). The recommended
value is 10 k
Ω connected to VCC. If this feature is not necessary, the resistor can be omitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com