Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2743MTC/NOPB Datasheet(PDF) 28 Page - Texas Instruments

Part # LM2743MTC/NOPB
Description  LM2743 2.2-V to 16-V Input, voltage mode, synchronous buck controller with tracking
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2743MTC/NOPB Datasheet(HTML) 28 Page - Texas Instruments

Back Button LM2743MTC/NOPB Datasheet HTML 24Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 25Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 26Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 27Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 28Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 29Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 30Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 31Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
K =
4.8W
4.8W + 0.6W
= 89%
K =
POUT
POUT + PTOTAL
x 100%
PCAP =
(1.924A)
2 x 24 m:
1
2
IRMS_RIP = IOUT x
D(1 - D)
PCAP =
(IRMS_RIP)
2 x ESR
n
2
28
LM2743
SNVS276I – APRIL 2004 – REVISED FEBRUARY 2019
www.ti.com
Product Folder Links: LM2743
Submit Documentation Feedback
Copyright © 2004–2019, Texas Instruments Incorporated
Typical Applications (continued)
PCND2 = (4A)
2 x 13 mΩ x 1.3 x (1 - 0.364)
(58)
PCND = 98.42 mW + 172 mW = 270.42 mW
(59)
There are few additional losses that are taken into account:
The following equations show IC Operating Loss (PIC).
PIC = IQ_VCC x VCC,
(60)
where IQ-VCC is the typical operating VCC current
PIC= 1.5 mA x 3.3V = 4.95 mW
(61)
The following equations show FET Gate Charging Loss (PGATE).
PGATE = n x VCC x QGS x fSW
(62)
PGATE = 2 x 3.3 V x 3 nC x 300 kHz
(63)
PGATE = 5.94 mW
(64)
The value n is the total number of FETs used and QGS is the typical gate-source charge value, which is 3 nC. For
the FDS6898A the gate charging loss is 5.94 mW.
The following equations show Input Capacitor Loss (PCAP).
where
(65)
(66)
Here n is the number of paralleled capacitors, ESR is the equivalent series resistance of each, and PCAP is the
dissipation in each. So for example if we use only one input capacitor of 24 m
Ω.
(67)
PCAP = 88.8 mW
(68)
The following equation shows Output Inductor Loss (PIND).
PIND = I
2
OUT x DCR
(69)
where DCR is the DC resistance. Therefore, for example
PIND = (4A)
2 x 11 mΩ
(70)
PIND = 176 mW
(71)
The following equations show Total System Efficiency.
PTOTAL = PFET + PIC + PGATE + PCAP + PIND
(72)
(73)
(74)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com