Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2743MTC/NOPB Datasheet(PDF) 30 Page - Texas Instruments

Part # LM2743MTC/NOPB
Description  LM2743 2.2-V to 16-V Input, voltage mode, synchronous buck controller with tracking
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2743MTC/NOPB Datasheet(HTML) 30 Page - Texas Instruments

Back Button LM2743MTC/NOPB Datasheet HTML 26Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 27Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 28Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 29Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 30Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 31Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 32Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 33Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
HG
BOOT
ISEN
LG
PGND
FB
VCC
SD
PWGD
FREQ
SS/TRACK
SGND
EAO
PGND
VCC = 5V
VIN = 5V
VOUT = 2.5V@2A
RFB2
CC2
RC1
RCS
CSS
RFADJ
RCC
CCC
D1
CBOOT
Q1
CIN1,2
L1
+
CC1
RFB1
CO1,2
LM2743
RC2
CC3
RPULL-UP
+
30
LM2743
SNVS276I – APRIL 2004 – REVISED FEBRUARY 2019
www.ti.com
Product Folder Links: LM2743
Submit Documentation Feedback
Copyright © 2004–2019, Texas Instruments Incorporated
Typical Applications (continued)
8.2.2.3 Bill of Materials
Table 1. Bill of Materials
PART
PART NUMBER
TYPE
PACKAGE
DESCRIPTION
VENDOR
U1
LM2743
Synchronous
Controller
TSSOP-14
TI
Q1
FDS6898A
Dual N-MOSFET
SOIC-8
20 V, 10 m
Ω at 4.5 V,
16 nC
Fairchild
D1
MBR0520LTI
Schottky Diode
SOD-123
L1
DO3316P-472
Inductor
4.7 µH, 4.8 Arms, 18
m
Ω
Coilcraft
CIN1
16SP100M
Aluminum Electrolytic
10mm x 6mm
100 µF, 16 V, 2.89
Arms
Sanyo
CO1
6SP220M
Aluminum Electrolytic
10mm x 6mm
220 µF, 6.3 V, 3.1
Arms
Sanyo
CCC, CBOOT,
CIN2, CO2
VJ1206Y104KXXA
Capacitor
1206
0.1 µF, 10%
Vishay
CC3
VJ0805Y332KXXA
Capacitor
805
3300 pF, 10%
Vishay
CSS
VJ0805A123KXAA
Capacitor
805
12 nF, 10%
Vishay
CC2
VJ0805A821KXAA
Capacitor
805
820 pF 10%
Vishay
CC1
VJ0805A220KXAA
Capacitor
805
22 pF, 10%
Vishay
RFB2
CRCW08051002F
Resistor
805
10.0 k
Ω 1%
Vishay
RFB1
CRCW08054991F
Resistor
805
4.99 k
Ω1%
Vishay
RFADJ
CRCW08051103F
Resistor
805
110 k
Ω 1%
Vishay
RC2
CRCW08052101F
Resistor
805
2.1 k
Ω 1%
Vishay
RCS
CRCW08052101F
Resistor
805
2.1 k
Ω 1%
Vishay
RCC
CRCW080510R0F
Resistor
805
10.0
Ω 1%
Vishay
RC1
CRCW08055492F
Resistor
805
54.9 k
Ω 1%
Vishay
RPULL-UP
CRCW08051003J
Resistor
805
100 k
Ω 5%
Vishay
8.2.3 Example Circuit 2
Figure 42. 5 V to 2.5 V at 2A, fSW = 300kHz
8.2.3.1 Design Requirements
This design converts 5 V (VIN) to 2.5 V (VOUT) at a maximum load of 2 A, with a switching frequency of 300 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com