Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2743MTC/NOPB Datasheet(PDF) 23 Page - Texas Instruments

Part # LM2743MTC/NOPB
Description  LM2743 2.2-V to 16-V Input, voltage mode, synchronous buck controller with tracking
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2743MTC/NOPB Datasheet(HTML) 23 Page - Texas Instruments

Back Button LM2743MTC/NOPB Datasheet HTML 19Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 20Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 21Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 22Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 23Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 24Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 25Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 26Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
= 4.5 kHz
RO + RL
fDP =
1
2S
LCO(RO + ESR)
VIN
ADC =
VRAMP
=
3.3
1.0
= 10.4 dB
+
-
+
VRAMP
+
-
VREF
+
-
10 k:
10 k:
CC1
CC2
RC1
RC2
CC3
L
RL
CO
RO
VIN
RC
+
-
23
LM2743
www.ti.com
SNVS276I – APRIL 2004 – REVISED FEBRUARY 2019
Product Folder Links: LM2743
Submit Documentation Feedback
Copyright © 2004–2019, Texas Instruments Incorporated
Typical Applications (continued)
D1 - A small Schottky diode should be used for the bootstrap. It allows for a minimum drop for both high and low-
side drivers. The MBR0520 or BAT54 work well in most designs.
RCS - Resistor used to set the current limit. Since the design calls for a peak current magnitude (IOUT+ (0.5 x
ΔIOUT)) of 4.8 A, a safe setting would be 6A. (This is below the saturation current of the output inductor, which is
7 A.) Following the equation from the Current Limit section, a 1.3-k
Ω resistor should be used.
RFADJ - This resistor is used to set the switching frequency of the chip. The resistor value is calculated from
equation in Normal Operation section. For 300-kHz operation, a 97.6-k
Ω resistor should be used.
CSS - The soft-start capacitor depends on the user requirements and is calculated based on the equation given in
the section titled Start Up and Soft-Start. Therefore, for a 700-μs delay, a 12-nF capacitor is suitable.
8.2.1.2.8
Control Loop Compensation
The LM2743 uses voltage-mode (‘VM’) PWM control to correct changes in output voltage due to line and load
transients. One of the attractive advantages of voltage mode control is its relative immunity to noise and layout.
However VM requires careful small signal compensation of the control loop for achieving high bandwidth and
good phase margin.
The control loop is comprised of two parts. The first is the power stage, which consists of the duty cycle
modulator, output inductor, output capacitor, and load. The second part is the error amplifier, which for the
LM2743 is a 9-MHz op-amp used in the classic inverting configuration. Figure 32 shows the regulator and control
loop components.
Figure 32. Power Stage and Error Amplifier
One popular method for selecting the compensation components is to create Bode plots of gain and phase for
the power stage and error amplifier. Combined, they make the overall bandwidth and phase margin of the
regulator easy to see. Software tools such as Excel, MathCAD, and Matlab are useful for showing how changes
in compensation or the power stage affect system gain and phase.
The power stage modulator provides a DC gain ADC that is equal to the input voltage divided by the peak-to-peak
value of the PWM ramp. This ramp is 1.0VP-P for the LM2743. The inductor and output capacitor create a
double pole at frequency fDP, and the capacitor ESR and capacitance create a single zero at frequency fESR. For
this example, with VIN = 3.3 V, these quantities are:
(30)
(31)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com