Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2743MTC/NOPB Datasheet(PDF) 24 Page - Texas Instruments

Part # LM2743MTC/NOPB
Description  LM2743 2.2-V to 16-V Input, voltage mode, synchronous buck controller with tracking
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2743MTC/NOPB Datasheet(HTML) 24 Page - Texas Instruments

Back Button LM2743MTC/NOPB Datasheet HTML 20Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 21Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 22Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 23Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 24Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 25Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 26Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 27Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
GEA = AEA x
s
2SfZ1
+ 1
s
2SfZ2
+ 1
s
2SfP1
+ 1
s
2SfP2
+ 1
s
100
1k
10k
100k
1M
FREQUENCY (Hz)
-60
-44
-28
-12
4
20
100
1k
10k
100k
1M
FREQUENCY (Hz)
-150
-120
-90
-60
-30
0
VIN x RO
GPS =
VRAMP
sCORC + 1
a x s
2 + b x s + c
x
1
fESR =
2SCOESR
= 20.3 kHz
24
LM2743
SNVS276I – APRIL 2004 – REVISED FEBRUARY 2019
www.ti.com
Product Folder Links: LM2743
Submit Documentation Feedback
Copyright © 2004–2019, Texas Instruments Incorporated
Typical Applications (continued)
(32)
In the equation for fDP, the variable RL is the power stage resistance, and represents the inductor DCR plus the
on resistance of the top power MOSFET. RO is the output voltage divided by output current. The power stage
transfer function GPS is given by the following equation, and Figure 34 shows Bode plots of the phase and gain in
this example.
where
•
a = LCO(RO + RC)
•
b = L + CO(RORL + RORC + RCRL)
•
c = RO + RL
(33)
Figure 33. Gain vs Frequency
Figure 34. Power Stage Gain and Phase
The double pole at 4.5 kHz causes the phase to drop to approximately -130° at around 10 kHz. The ESR zero, at
20.3 kHz, provides a +90° boost that prevents the phase from dropping to -180º. If this loop were left
uncompensated, the bandwidth would be approximately 10 kHz and the phase margin 53°. In theory, the loop
would be stable, but would suffer from poor DC regulation (due to the low DC gain) and would be slow to
respond to load transients (due to the low bandwidth.) In practice, the loop could easily become unstable due to
tolerances in the output inductor, capacitor, or changes in output current, or input voltage. Therefore, the loop is
compensated using the error amplifier and a few passive components.
For this example, a Type III, or three-pole-two-zero approach gives optimal bandwidth and phase.
In most voltage mode compensation schemes, including Type III, a single pole is placed at the origin to boost DC
gain as high as possible. Two zeroes fZ1 and fZ2 are placed at the double pole frequency to cancel the double
pole phase lag. Then, a pole, fP1 is placed at the frequency of the ESR zero. A final pole fP2 is placed at one-half
of the switching frequency. The gain of the error amplifier transfer function is selected to give the best bandwidth
possible without violating the Nyquist stability criteria. In practice, a good crossover point is one-fifth of the
switching frequency, or 60 kHz for this example. The generic equation for the error amplifier transfer function is:
(34)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com