Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2743MTC/NOPB Datasheet(PDF) 32 Page - Texas Instruments

Part # LM2743MTC/NOPB
Description  LM2743 2.2-V to 16-V Input, voltage mode, synchronous buck controller with tracking
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2743MTC/NOPB Datasheet(HTML) 32 Page - Texas Instruments

Back Button LM2743MTC/NOPB Datasheet HTML 28Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 29Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 30Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 31Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 32Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 33Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 34Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 35Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
32
LM2743
SNVS276I – APRIL 2004 – REVISED FEBRUARY 2019
www.ti.com
Product Folder Links: LM2743
Submit Documentation Feedback
Copyright © 2004–2019, Texas Instruments Incorporated
8.2.4.2 Detailed Design Procedure
Follow the detailed design procedure in Detailed Design Procedure.
8.2.4.3 Bill of Materials
Table 3. Bill of Materials
PART
PART NUMBER
TYPE
PACKAGE
DESCRIPTION
VENDOR
U1
LM2743
Synchronous
Controller
TSSOP-14
TI
Q1
FDS6898A
Dual N-MOSFET
SOIC-8
20 V, 10 m
Ω at 4.5 V, 16
nC
Fairchild
D1
MBR0520LTI
Schottky Diode
SOD-123
L1
DO3316P-332
Inductor
3.3 µH, 5.4 Arms, 15 m
Ω
Coilcraft
CIN1
16SP100M
Aluminum Electrolytic
10 mm x 6 mm
100 µF, 16 V, 2.89 Arms
Sanyo
CO1
6SP220M
Aluminum Electrolytic
10 mm x 6 mm
220 µF, 6.3 V 3.1 Arms
Sanyo
CCC, CBOOT,
CIN2, CO2
VJ1206Y104KXXA
Capacitor
1206
0.1 µF, 10%
Vishay
CC3
VJ0805Y222KXXA
Capacitor
805
2200 pF, 10%
Vishay
CSS
VJ0805A123KXAA
Capacitor
805
12 nF, 10%
Vishay
CC2
VJ0805Y332KXXA
Capacitor
805
3300 pF 10%
Vishay
CC1
VJ0805A820KXAA
Capacitor
805
82 pF, 10%
Vishay
RFB2
CRCW08051002F
Resistor
805
10.0 k
Ω 1%
Vishay
RFB1
CRCW08052211F
Resistor
805
2.21 k
Ω 1%
Vishay
RFADJ
CRCW08051103F
Resistor
805
110 k
Ω 1%
Vishay
RC2
CRCW08052611F
Resistor
805
2.61 k
Ω 1%
Vishay
RCS
CRCW08054121F
Resistor
805
4.12 k
Ω 1%
Vishay
RCC
CRCW080510R0F
Resistor
805
10.0
Ω 1%
Vishay
RC1
CRCW08051272F
Resistor
805
12.7 k
Ω 1%
Vishay
RPULL-UP
CRCW08051003J
Resistor
805
100 k
Ω 5%
Vishay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com