Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2743MTC/NOPB Datasheet(PDF) 18 Page - Texas Instruments

Part # LM2743MTC/NOPB
Description  LM2743 2.2-V to 16-V Input, voltage mode, synchronous buck controller with tracking
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2743MTC/NOPB Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM2743MTC/NOPB Datasheet HTML 14Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 15Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 16Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 17Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 18Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 19Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 20Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 21Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
(ILIM x RDS(ON)) ± (ISEN x RCS)
RCLF =
RCS x VOUT
VIN ± 9.5V
RCS
10 mA
t
PLIM x RDS(ON)
= RCS
ISEN
RCLF
VOUT
RCS
SW
+
-
40 PA
ILIM
ISEN
18
LM2743
SNVS276I – APRIL 2004 – REVISED FEBRUARY 2019
www.ti.com
Product Folder Links: LM2743
Submit Documentation Feedback
Copyright © 2004–2019, Texas Instruments Incorporated
Feature Description (continued)
In order to minimize the time period in which peak inductor current exceeds the current limit threshold, the IC
also discharges the soft-start capacitor through a fixed 90-µA sink. The output of the LM2743 internal error
amplifier is limited by the voltage on the soft-start capacitor. Hence, discharging the soft-start capacitor reduces
the maximum duty cycle D of the controller. During severe current limit this reduction in duty cycle will reduce the
output voltage if the current limit conditions last for an extended time. Output inductor current will be reduced in
turn to a flat level equal to the current limit threshold. The third benefit of the soft-start capacitor discharge is a
smooth, controlled ramp of output voltage when the current limit condition is cleared.
7.3.11
Foldback Current Limit
In the case where extra protection is used to help an output short condition, a current foldback resistor (RCLF)
should be considered, see Figure 29. First select the percentage of current limit foldback (PLIM):
PLIM = ILIM x P
(12)
where P is a ratio between 0 and 1.
Figure 29. Foldback Current Limit Circuit
Obtain the RCS with the following equation:
(13)
where ISEN = 40 μA. If the switch node goes above 9.5 V the following criterion must be satisfied:
(14)
The equation for calculating the foldback resistance value is:
(15)
7.4 Device Functional Modes
7.4.1 Shutdown
If the shutdown pin is pulled low, (below 0.8 V) the LM2743 enters shutdown mode, and discharges the soft-start
capacitor through a MOSFET switch. The high and low-side MOSFETs are turned off. The LM2743 remains in
this state as long as VSD sees a logic low (see the Electrical Characteristics table). To assure proper IC start-up
the shutdown pin should not be left floating. For normal operation this pin should be connected directly to VCC or
to another voltage between 1.3 V to VCC (see the Electrical Characteristics table).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com