Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2743MTC/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Part # LM2743MTC/NOPB
Description  LM2743 2.2-V to 16-V Input, voltage mode, synchronous buck controller with tracking
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2743MTC/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM2743MTC/NOPB Datasheet HTML 17Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 18Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 19Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 20Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 21Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 22Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 23Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 24Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
ESRMAX =
'VOUT
'IOUT
VIN(MAX) - VO
'IOUT =
FSW x LACTUAL
x D
L =
3.3V - 1.2V
0.4 x 4A x 300 kHz
x
1.2V
3.3V
L =
VIN - VOUT
'IOUT x fSW
x D
21
LM2743
www.ti.com
SNVS276I – APRIL 2004 – REVISED FEBRUARY 2019
Product Folder Links: LM2743
Submit Documentation Feedback
Copyright © 2004–2019, Texas Instruments Incorporated
Typical Applications (continued)
where n is the number of capacitors, and ESR is the equivalent series resistance of each capacitor. The equation
above indicates that power loss in each capacitor decreases rapidly as the number of input capacitors increases.
The worst-case ripple for a Buck converter occurs during full load and when the duty cycle (D) is 0.5. For this
3.3V to 1.2V design the duty cycle is 0.364. For a 4A maximum load the ripple current is 1.92A.
8.2.1.2.4
Output Inductor
The output inductor forms the first half of the power stage in a Buck converter. It is responsible for smoothing the
square wave created by the switching action and for controlling the output current ripple (ΔIOUT). The inductance
is chosen by selecting between tradeoffs in efficiency and response time. The smaller the output inductor, the
more quickly the converter can respond to transients in the load current. However, as shown in the efficiency
calculations, a smaller inductor requires a higher switching frequency to maintain the same level of output current
ripple. An increase in frequency can mean increasing loss in the MOSFETs due to the charging and discharging
of the gates. Generally the switching frequency is chosen so that conduction loss outweighs switching loss. The
equation for output inductor selection is:
(21)
(22)
L = 1.6 µH
(23)
Here we have plugged in the values for output current ripple, input voltage, output voltage, switching frequency,
and assumed a 40% peak-to-peak output current ripple. This yields an inductance of 1.6 µH. The output inductor
must be rated to handle the peak current (also equal to the peak switch current), which is (IOUT + (0.5 x ΔIOUT)) =
4.8 A, for a 4 A design. The Coilcraft DO3316P-222P is 2.2 µH, is rated to 7.4-A peak, and has a direct current
resistance (DCR) of 12 m
Ω.
After selecting an output inductor, inductor current ripple should be re-calculated with the new inductance value,
as this information is needed to select the output capacitor. Re-arranging the equation used to select inductance
yields the following:
(24)
VIN(MAX) is assumed to be 10% above the steady state input voltage, or 3.6V. The actual current ripple will then
be 1.2A. Peak inductor/switch current will be 4.6A.
8.2.1.2.5
Output Capacitor
The output capacitor forms the second half of the power stage of a Buck switching converter. It is used to control
the output voltage ripple (ΔVOUT) and to supply load current during fast load transients.
In this example the output current is 4 A and the expected type of capacitor is an aluminum electrolytic, as with
the input capacitors. Other possibilities include ceramic, tantalum, and solid electrolyte capacitors, however the
ceramic type often do not have the large capacitance needed to supply current for load transients, and tantalums
tend to be more expensive than aluminum electrolytic. Aluminum capacitors tend to have very high capacitance
and fairly low ESR, meaning that the ESR zero, which affects system stability, will be much lower than the
switching frequency. The large capacitance means that at the switching frequency, the ESR is dominant, hence
the type and number of output capacitors is selected on the basis of ESR. One simple formula to find the
maximum ESR based on the desired output voltage ripple, ΔVOUT and the designed output current ripple, ΔIOUT,
is:
(25)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com