Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2743MTC/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Part # LM2743MTC/NOPB
Description  LM2743 2.2-V to 16-V Input, voltage mode, synchronous buck controller with tracking
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2743MTC/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM2743MTC/NOPB Datasheet HTML 2Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 3Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 4Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 5Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 6Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 7Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 8Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 9Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
6
LM2743
SNVS276I – APRIL 2004 – REVISED FEBRUARY 2019
www.ti.com
Product Folder Links: LM2743
Submit Documentation Feedback
Copyright © 2004–2019, Texas Instruments Incorporated
Electrical Characteristics (continued)
Typical limits are for TJ = 25°C only, represent the most likely parametric norm at TJ = 25°C, and are provided for reference
purposes only; minimum and maximum limits apply over the junction temperature range of –40°C to 125°C. Unless otherwise
specified, VCC = 3.3 V. Data sheet minimum and maximum specification limits are specified by design, test, or statistical
analysis. (See
(1))
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V SD-IL
SD Pin Logic Low Trip Point
VSD Falling
0.8
V
VPWGD-TH-LO
PWGD Pin Trip Points
FB Falling
0.408
0.434
0.457
V
VPWGD-TH-HI
PWGD Pin Trip Points
FB Rising
0.677
0.710
0.742
V
VPWGD-HYS
PWGD Hysteresis
FB Falling
60
mV
FB Rising
90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com