Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2743MTC/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Part # LM2743MTC/NOPB
Description  LM2743 2.2-V to 16-V Input, voltage mode, synchronous buck controller with tracking
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2743MTC/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM2743MTC/NOPB Datasheet HTML 13Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 14Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 15Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 16Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 17Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 18Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 19Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 20Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
IPK-CL = ILIM + (TSW - 200 ns)
VIN - VO
L
ILIM
IL
D
Normal Operation
Current Limit
VIN ± 9.5V
RCS
10 mA
t
17
LM2743
www.ti.com
SNVS276I – APRIL 2004 – REVISED FEBRUARY 2019
Product Folder Links: LM2743
Submit Documentation Feedback
Copyright © 2004–2019, Texas Instruments Incorporated
Feature Description (continued)
For example, a conservative 15-A current limit in a 10-A design with a minimum RDS(ON) of 10 mΩ would require
a 6-k
Ω resistor. To prevent the ISEN pin from sinking too much current when the switch node goes above 9.5 V,
the value of the current limit setting resistor RCS should not be too low. The criterion is as follows,
(10)
where the 10 mA is the maximum current ISEN pin is allowed to sink. For example if VIN = 13.2 V, the minimum
value of RCS is 370 Ω. Because current sensing is done across the low-side MOSFET, no minimum high-side on-
time is necessary. The LM2743 enters current limit mode if the inductor current exceeds the current limit
threshold at the point where the high-side MOSFET turns off and the low-side MOSFET turns on. (The point of
peak inductor current, see Figure 28). Note that in normal operation mode the high-side MOSFET always turns
on at the beginning of a clock cycle. In current limit mode, by contrast, the high-side MOSFET on-pulse is
skipped. This causes inductor current to fall. Unlike a normal operation switching cycle, however, in a current
limit mode switching cycle the high-side MOSFET will turn on as soon as inductor current has fallen to the
current limit threshold. The LM2743 will continue to skip high-side MOSFET pulses until the inductor current peak
is below the current limit threshold, at which point the system resumes normal operation.
Figure 28. Current Limit Threshold
Unlike a high-side MOSFET current sensing scheme, which limits the peaks of inductor current, low-side current
sensing is only allowed to limit the current during the converter off-time, when inductor current is falling.
Therefore in a typical current limit plot the valleys are normally well defined, but the peaks are variable, according
to the duty cycle. The PWM error amplifier and comparator control the off-pulse of the high-side MOSFET, even
during current limit mode, meaning that peak inductor current can exceed the current limit threshold. Assuming
that the output inductor does not saturate, the maximum peak inductor current during current limit mode can be
calculated with the following equation:
(11)
Where TSW is the inverse of switching frequency fSW. The 200 ns term represents the minimum off-time of the
duty cycle, which ensures enough time for correct operation of the current sensing circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com