Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2743MTC/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Part # LM2743MTC/NOPB
Description  LM2743 2.2-V to 16-V Input, voltage mode, synchronous buck controller with tracking
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2743MTC/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM2743MTC/NOPB Datasheet HTML 8Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 9Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 10Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 11Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 12Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 13Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 14Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 15Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
5V
1.8V
1.8V
VOUT1
VOUT2
VOUT2 = VOUT1
RT1
RT1 + RT2
5V
1.8V
VOUT1
VOUT2
12
LM2743
SNVS276I – APRIL 2004 – REVISED FEBRUARY 2019
www.ti.com
Product Folder Links: LM2743
Submit Documentation Feedback
Copyright © 2004–2019, Texas Instruments Incorporated
Feature Description (continued)
The current through RT1 should be about 3 mA to 4 mA for precise tracking. The final voltage of the SS/TRACK
pin should be set higher than the feedback voltage of 0.6 V (say about 0.65 V as in the above equation). If the
master supply voltage was 5 V and the LM2743 output voltage was 1.8 V, for example, then the value of RT1
needed to give the two supplies identical soft-start times would be 150
Ω. A timing diagram for the equal soft-
start time case is shown in Figure 20.
Figure 20. Tracking with Equal Soft-Start Time
7.3.4 Tracking Voltage Slew Rate
The tracking feature can alternatively be used not to make both rails reach regulation at the same time but rather
to have similar rise rates (in terms of output dV/dt). This method ensures that the output voltage of the LM2743
always reaches regulation before the output voltage of the master supply. Because the output of the master
supply is divided down, in order to track properly the output voltage of the LM2743 must be lower than the
voltage of the master supply. In this case, the tracking resistors can be determined based on the following
equation:
(5)
For the example case of VOUT1 = 5 V and VOUT2 = 1.8 V, with RT1 set to 150 Ω as before, RT2 is calculated from
the above equation to be 265
Ω. A timing diagram for the case of equal slew rates is shown in Figure 21.
Figure 21. Tracking with Equal Slew Rates
7.3.5 Sequencing
The start up/soft-start of the LM2743 can be delayed for the purpose of sequencing by connecting a resistor
divider from the output of a master power supply to the SD pin, as shown in Figure 22.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com