Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2743MTC/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Part # LM2743MTC/NOPB
Description  LM2743 2.2-V to 16-V Input, voltage mode, synchronous buck controller with tracking
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2743MTC/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM2743MTC/NOPB Datasheet HTML 1Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 2Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 3Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 4Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 5Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 6Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 7Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 8Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
5
LM2743
www.ti.com
SNVS276I – APRIL 2004 – REVISED FEBRUARY 2019
Product Folder Links: LM2743
Submit Documentation Feedback
Copyright © 2004–2019, Texas Instruments Incorporated
(1)
The power MOSFETs can run on a separate 1-V to 16-V rail (Input voltage, VIN). Practical lower limit of VIN depends on selection of the
external MOSFET.
6.5 Electrical Characteristics
Typical limits are for TJ = 25°C only, represent the most likely parametric norm at TJ = 25°C, and are provided for reference
purposes only; minimum and maximum limits apply over the junction temperature range of –40°C to 125°C. Unless otherwise
specified, VCC = 3.3 V. Data sheet minimum and maximum specification limits are specified by design, test, or statistical
analysis. (See
(1))
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VFB
FB Pin Voltage
VCC = 3 V to 6 V
0.588
0.6
0.612
V
VON
UVLO Thresholds
Rising
Falling
2.76
2.42
V
IQ_VCC
Operating VCC Current
VCC = 3.3 V, VSD = 3.3 V
Fsw = 600 kHz
1
1.5
2.1
mA
VCC = 5V, VSD = 3.3 V
Fsw = 600 kHz
1
1.7
2.1
Shutdown VCC Current
VCC = 3.3 V, VSD = 0 V
110
185
µA
tPWGD1
PWGD Pin Response Time
VFB Rising
6
µs
tPWGD2
PWGD Pin Response Time
VFB Falling
6
µs
ISS-ON
SS Pin Source Current
VSS = 0 V
7
10
14
µA
ISS-OC
SS Pin Sink Current During Over
Current
VSS = 2.5 V
90
µA
ISEN-TH
ISEN Pin Source Current Trip Point
25
40
55
µA
ERROR AMPLIFIER
GBW
Error Amplifier Unity Gain
Bandwidth
9
MHz
G
Error Amplifier DC Gain
106
dB
SR
Error Amplifier Slew Rate
3.2
V/µs
IEAO
EAO Pin Current Sourcing and
Sinking Capability
VEAO = 1.5, FB = 0.55 V
VEAO = 1.5, FB = 0.65 V
2.6
9.2
mA
VEA
Error Amplifier Output Voltage
Minimum
1
V
Maximum
2
V
GATE DRIVE
IQ-BOOT
BOOT Pin Quiescent Current
VBOOT = 12 V, VSD = 0
18
90
µA
RHG_UP
High-Side MOSFET Driver Pull-Up
ON resistance
VBOOT = 5 V at 350 mA Sourcing
3
Ω
RHG_DN
High-Side MOSFET Driver Pull-
Down ON resistance
HG = 5 V at 350 mA Sourcing
2
Ω
RLG_UP
Low-Side MOSFET Driver Pull-Up
ON resistance
VBOOT = 5 V at 350 mA Sourcing
3
Ω
RLG_DN
Low-Side MOSFET Driver Pull-
Down ON resistance
LG = 5 V at 350 mA Sourcing
2
Ω
OSCILLATOR
fSW
PWM Frequency
RFADJ = 702.1 kΩ
50
kHz
RFADJ = 98.74 kΩ
300
RFADJ = 45.74 kΩ
475
600
725
RFADJ = 24.91 kΩ
1000
D
Max High-Side Duty Cycle
fSW = 300 kHz
fSW = 600 kHz
fSW = 1 MHz
80%
76%
73%
LOGIC INPUTS AND OUTPUTS
V STBY-IH
Standby High Trip Point
VFB = 0.575 V, VBOOT = 3.3 V, VSD
Rising
1.1
V
V STBY-IL
Standby Low Trip Point
VFB = 0.575 V, VBOOT = 3.3 V, VSD
Falling
0.232
V
V SD-IH
SD Pin Logic High Trip Point
VSD Rising
1.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com