Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2743MTC/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Part # LM2743MTC/NOPB
Description  LM2743 2.2-V to 16-V Input, voltage mode, synchronous buck controller with tracking
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2743MTC/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM2743MTC/NOPB Datasheet HTML 3Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 4Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 5Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 6Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 7Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 8Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 9Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 10Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
TEMPERATURE (
oC)
-40 -25 -10 5
80 95 110 125
20 35 50 65
5.9
6
6.1
6.2
6.3
6.4
6.5
6.6
6.7
TEMPERATURE (
oC)
-40 -25 -10 5
80 95 110 125
20 35 50 65
9.3
9.4
9.5
9.6
9.7
9.8
9.9
10
20
30
40
50
60
70
80
90
100
VIN = 12V
VIN = 5V
0.0 0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2 3.6 4.0
OUTPUT CURRENT (A)
0.05
0.25
0.45
0.65
0.85
FREQUENCY (MHz)
1.05
0
6
13
19
25
0.0 0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2 3.6 4.0
OUTPUT CURRENT (A)
20
30
40
50
60
70
80
90
100
VIN = 3.3V
VIN = 12V
VIN = 5V
20
30
40
50
60
70
80
90
100
VIN = 3.3V
VIN = 12V
VIN = 5V
0.0 0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2 3.6 4.0
OUTPUT CURRENT (A)
7
LM2743
www.ti.com
SNVS276I – APRIL 2004 – REVISED FEBRUARY 2019
Product Folder Links: LM2743
Submit Documentation Feedback
Copyright © 2004–2019, Texas Instruments Incorporated
6.6 Typical Characteristics
VCC = 3.3 V
fSW = 300 kHz
Figure 1. Efficiency VOUT = 1.2 V
VCC = 3.3 V
fSW = 300 kHz
Figure 2. Efficiency VOUT = 2.5 V
VCC = 5 V
fSW = 300 kHz
Figure 3. Efficiency VOUT = 3.3 V
FDS6898A FET
TA = 25°C
Figure 4. VCC Operating Current Plus BOOT Current vs
Frequency
fSW = 300 kHz
FDS6898A FET
No-Load
Figure 5. BOOT Pin Current vs Temperature for BOOT
Voltage = 3.3 V
fSW = 300 kHz
FDS6898A FET
No-Load
Figure 6. BOOT Pin Current vs Temperature for BOOT
Voltage = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com