Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2743MTC/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Part # LM2743MTC/NOPB
Description  LM2743 2.2-V to 16-V Input, voltage mode, synchronous buck controller with tracking
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2743MTC/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM2743MTC/NOPB Datasheet HTML 12Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 13Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 14Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 15Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 16Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 17Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 18Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 19Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
+
BOOT
HG
LG
VIN
VO
VCC
+
LM2743
D1
D2
D3
16
LM2743
SNVS276I – APRIL 2004 – REVISED FEBRUARY 2019
www.ti.com
Product Folder Links: LM2743
Submit Documentation Feedback
Copyright © 2004–2019, Texas Instruments Incorporated
Feature Description (continued)
Figure 27. Charge Pump with Added Gate Drive
All the gate drive circuits shown in Figure 25 through Figure 27 typically use 100-nF ceramic capacitors in the
bootstrap locations.
7.3.8 Power Good Signal
The open drain output on the Power Good pin needs a pull-up resistor to a low voltage source. The pull-up
resistor should be chosen so that the current going into the Power Good pin is less than 1 mA. A 100-k
Ω resistor
is recommended for most applications.
The Power Good signal is an OR-gated flag which takes into account both output over-voltage and under-voltage
conditions. If the feedback pin (FB) voltage is 18% above its nominal value (118% x VFB = 0.708V) or falls 28%
below that value (72 %x VFB = 0.42V) the Power Good flag goes low. The Power Good flag can be used to signal
other circuits that the output voltage has fallen out of regulation, however the switching of the LM2743 continues
regardless of the state of the Power Good signal. The Power Good flag will return to logic high whenever the
feedback pin voltage is between 72% and 118% of 0.6V.
7.3.9 UVLO
The 2.76V turn-on threshold on VCC has a built in hysteresis of about 300 mV. If VCC drops below 2.42V, the chip
enters UVLO mode. UVLO consists of turning off the top and bottom MOSFETS and remaining in that condition
until VCC rises above 2.76V. As with shutdown, the soft-start capacitor is discharged through an internal
MOSFET, ensuring that the next start-up will be controlled by the soft-start circuitry.
7.3.10 Current Limit
Current limit is realized by sensing the voltage across the low-side MOSFET while it is on. The RDS(ON) of the
MOSFET is a known value; hence the current through the MOSFET can be determined as:
VDS = IOUT x RDS(ON)
(8)
The current through the low-side MOSFET while it is on is also the falling portion of the inductor current. The
current limit threshold is determined by an external resistor, RCS, connected between the switching node and the
ISEN pin. A constant current of 40 µA is forced through RCS, causing a fixed voltage drop. This fixed voltage is
compared against VDS and if the latter is higher, the current limit of the chip has been reached. To obtain a more
accurate value for RCS you must consider the operating values of RDS(ON) and ISEN-TH at their operating
temperatures in your application and the effect of slight parameter differences from part to part. RCS can be found
by using the following equation using the RDS(ON) value of the low side MOSFET at it's expected hot temperature
and the absolute minimum value expected over the full temperature range for the for the ISEN-TH which is 25 µA:
RCS = RDSON-HOT x ILIM / 40 µA
(9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com