Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2743MTC/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LM2743MTC/NOPB
Description  LM2743 2.2-V to 16-V Input, voltage mode, synchronous buck controller with tracking
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2743MTC/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM2743MTC/NOPB Datasheet HTML 1Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 2Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 3Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 4Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 5Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 6Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 7Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 8Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
HG
BOOT
ISEN
LG
PGND
FB
VCC
SD
PWGD
FREQ
SS/TRACK
SGND
EAO
PGND
VCC = 3.3V
VIN = 3.3V
VOUT = 1.2V@4A
RFB2
CC2
RC1
RCS
CSS
RFADJ
RCC
CCC
D1
CBOOT
Q1
CIN1,2
L1
+
CC1
RFB1
CO1,2
LM2743
RC2
CC3
RPULL-UP
+
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM2743
SNVS276I – APRIL 2004 – REVISED FEBRUARY 2019
LM2743 2.2-V to 16-V Input, voltage mode,
synchronous buck controller with tracking
1
1 Features
1
•
Power stage input voltage from 1 V to 16 V
•
Control stage input voltage from 3 V to 6 V
•
Output voltage adjustable down to 0.6 V
•
Power-good flag and shutdown
•
Output overvoltage and undervoltage detection
•
±2% Feedback voltage accuracy over temperature
•
Low-side adjustable current sensing
•
Adjustable soft start
•
Tracking and sequencing with shutdown and soft-
start pins
•
Switching frequency from 50 kHz to 1 MHz
•
TSSOP-14 package
•
Create a custom design using the LM2743 with
the WEBENCH® Power Designer
2 Applications
•
3.3-V Buck regulation
•
Cable modem, DSL and ADSL
•
Laser Jet and ink jet printers
•
Low-voltage power modules
•
DSP, ASIC, core, and I/O
3 Description
The LM2743 is a high-speed synchronous buck
regulator controller with an accurate feedback voltage
accuracy of ±2%. It can provide simple down
conversion to output voltages as low as 0.6 V.
Though the control sections of the IC are rated for 3
V to 6 V, the driver sections are designed to accept
input supply rails as high as 16 V. The use of
adaptive non-overlapping MOSFET gate drivers helps
avoid
potential
shoot-through
problems
while
maintaining high efficiency. The IC is designed for the
more cost-effective option of driving only N-channel
MOSFETs
in
both
the
high-side
and
low-side
positions. It senses the low-side switch voltage drop
for providing a simple, adjustable current limit.
The
fixed-frequency
voltage-mode
PWM
control
architecture is adjustable from 50 kHz to 1 MHz with
one external resistor. This wide range of switching
frequency gives the power supply designer the
flexibility
to
make
better
tradeoffs
between
component size, cost and efficiency.
Features include soft start, input undervoltage lockout
(UVLO)
and
Power
Good
(based
on
both
undervoltage and overvoltage detection). In addition,
the shutdown pin of the IC can be used for providing
start-up delay, and the soft-start pin can be used for
implementing precise tracking, for the purpose of
sequencing with respect to an external rail.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM2743
TSSOP (14)
5.00 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Diagram


Similar Part No. - LM2743MTC/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2743MTC/NOPB TI1-LM2743MTC/NOPB Datasheet
1Mb / 41P
LM2743 Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
More results

Similar Description - LM2743MTC/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40056 TI-TPS40056 Datasheet
769Kb / 31P
WIDE-INPUT SYNCHRONOUS, TRACKING BUCK CONTROLLER
TPS40304A TI-TPS40304A Datasheet
445Kb / 18P
3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40303 TI-TPS40303 Datasheet
1Mb / 29P
3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40304A TI-TPS40304A_1 Datasheet
527Kb / 20P
3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40303 TI-TPS40303_15 Datasheet
2Mb / 37P
TPS4030x 3-V to 20-V Input Synchronous Buck Controller
TPS40304A TI-TPS40304A_15 Datasheet
726Kb / 19P
3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40056 TI1-TPS40056_16 Datasheet
1Mb / 33P
WIDE-INPUT SYNCHRONOUS, TRACKING BUCK CONTROLLER
LM25141-Q1 TI1-LM25141-Q1 Datasheet
2Mb / 49P
2.2-MHz, 42-V Synchronous Buck Controller With Low IQ
TPS40345 TI1-TPS40345 Datasheet
1Mb / 26P
3-V to 20-V Input Synchronous Buck Controller
logo
STMicroelectronics
L3751 STMICROELECTRONICS-L3751 Datasheet
4Mb / 41P
Wide 6 V to 75 V input voltage synchronous buck controller
08-Apr-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com