Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2743MTC/NOPB Datasheet(PDF) 19 Page - Texas Instruments

Part # LM2743MTC/NOPB
Description  LM2743 2.2-V to 16-V Input, voltage mode, synchronous buck controller with tracking
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2743MTC/NOPB Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM2743MTC/NOPB Datasheet HTML 15Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 16Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 17Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 18Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 19Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 20Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 21Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 22Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
HG
BOOT
ISEN
LG
PGND
FB
VCC
SD
PWGD
FREQ
SS/TRACK
SGND
EAO
PGND
VCC = 3.3V
VIN = 3.3V
VOUT = 1.2V@4A
RFB2
CC2
RC1
RCS
CSS
RFADJ
RCC
CCC
D1
CBOOT
Q1
CIN1,2
L1
+
CC1
RFB1
CO1,2
LM2743
RC2
CC3
RPULL-UP
+
19
LM2743
www.ti.com
SNVS276I – APRIL 2004 – REVISED FEBRUARY 2019
Product Folder Links: LM2743
Submit Documentation Feedback
Copyright © 2004–2019, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LM2743 is a voltage-mode, high-speed synchronous buck regulator with a PWM control scheme. It is
designed for use in set-top boxes, thin clients, DSL/Cable modems, and other applications that require high-
efficiency buck converters. Use the following design procedure to select component values for the LM2743
device. Use the WEBENCH to generate a complete design (see Custom Design With WEBENCH® Tools.
8.2 Typical Applications
8.2.1 Synchronous Buck Converter Typical Application using LM2743
Figure 30. 3.3 V to 1.2 V at 4 A, fSW = 300 kHz
8.2.1.1 Design Requirements
The following section provides a step-by-step design guide of a voltage-mode synchronous buck converter using
the LM2743. This design converts 3.3 V (VIN) to 1.2 V (VOUT) at a maximum load of 4 A, with an efficiency of
89% and a switching frequency of 300 kHz. The same procedures can be followed to create many other designs
with varying input voltages, output voltages, and load currents.
8.2.1.2 Detailed Design Procedure
8.2.1.2.1
Custom Design With WEBENCH® Tools
Click here to create a custom design using the LM2743 device with the WEBENCH® Power Designer.
1. Start by entering the input voltage (VIN), output voltage (VOUT), and output current (IOUT) requirements.
2. Optimize the design for key parameters such as efficiency, footprint, and cost using the optimizer dial.
3. Compare the generated design with other possible solutions from Texas Instruments.
The WEBENCH Power Designer provides a customized schematic along with a list of materials with real-time
pricing and component availability.
In most cases, these actions are available:
•
Run electrical simulations to see important waveforms and circuit performance
•
Run thermal simulations to understand board thermal performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com