Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2743MTC/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # LM2743MTC/NOPB
Description  LM2743 2.2-V to 16-V Input, voltage mode, synchronous buck controller with tracking
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2743MTC/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM2743MTC/NOPB Datasheet HTML 6Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 7Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 8Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 9Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 10Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 11Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 12Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 13Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
CSS =
tSS
60
EA
PWM
ILIM
40 PA
10 PA
SYNCHRONOUS
DRIVER LOGIC
OV
UV
10 Ps
DELAY
0.71V
0.434V
SHUT DOWN
LOGIC
UVLO
SD
VCC
SGND
FB
EAO
BOOT
HG
LG
ISEN
PWGD
SS/TRACK
PGND
90 PA
SSDONE
Soft-Start
Comparator
+ Logic
+
-
+
-
VREF = 0.6V
REF
PWM LOGIC
CLOCK &
RAMP
FREQ
PGND
1VPP
10
LM2743
SNVS276I – APRIL 2004 – REVISED FEBRUARY 2019
www.ti.com
Product Folder Links: LM2743
Submit Documentation Feedback
Copyright © 2004–2019, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LM2743 is a voltage-mode, high-speed synchronous buck regulator with a PWM control scheme. It has
output shutdown (SD), input under-voltage lock-out (UVLO) mode and power good (PWGD) flag (based on over-
voltage and under-voltage detection). The over-voltage and under-voltage signals are logically OR'ed to drive the
power good signal and provide a logic signal to the system if the output voltage goes out of regulation. Current
limit is achieved by sensing the voltage VDS across the low-side MOSFET.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Start Up and Soft-Start
When VCC exceeds 2.76V and the shutdown pin (SD) sees a logic high, the soft-start period begins. Then an
internal, fixed 10 µA source begins charging the soft-start capacitor. During soft-start the voltage on the soft-start
capacitor CSS is connected internally to the non-inverting input of the error amplifier. The soft-start period lasts
until the voltage on the soft-start capacitor exceeds the LM2743 reference voltage of 0.6V. At this point the
reference voltage takes over at the non-inverting error amplifier input. The capacitance of CSS determines the
length of the soft-start period, and can be approximated by:
where



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com