Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2743MTC/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LM2743MTC/NOPB
Description  LM2743 2.2-V to 16-V Input, voltage mode, synchronous buck controller with tracking
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2743MTC/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM2743MTC/NOPB Datasheet HTML 1Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 2Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 3Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 4Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 5Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 6Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 7Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 8Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
HG
BOOT
ISEN
LG
PGND
FB
VCC
SD
PWGD
FREQ
SS/TRACK
SGND
EAO
PGND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
3
LM2743
www.ti.com
SNVS276I – APRIL 2004 – REVISED FEBRUARY 2019
Product Folder Links: LM2743
Submit Documentation Feedback
Copyright © 2004–2019, Texas Instruments Incorporated
5 Pin Configuration and Functions
PW Package
14-Pin TSSOP
Top View
Pin Functions
PIN
DESCRIPTION
NAME
NO.
BOOT
1
Bootstrap pin. This is the supply rail for the gate drivers. When the high-side MOSFET turns on, the
voltage on this pin should be at least one gate threshold above the regulator input voltage VIN to
properly turn on the MOSFET. See MOSFET Gate Drivers for more details on how to select
MOSFETs.
LG
2
Low-gate drive pin. This is the gate drive for the low-side N-channel MOSFET. This signal is
interlocked with the high-side gate drive HG (Pin 14), so as to avoid shoot-through.
PGND
3
Power ground. This is also the ground for the low-side MOSFET driver. Both the pins must be
connected together on the PCB and form a ground plane, which is usually also the system ground.
13
SGND
4
Signal ground. It should be connected appropriately to the ground plane with due regard to good layout
practices in switching power regulator circuits.
VCC
5
Supply rail for the control sections of the IC.
PWGD
6
Power Good pin. This is an open drain output, which is typically meant to be connected to VCC or any
other low voltage source through a pull-up resistor. Choose the pull-up resistor so that the current
going into this pin is kept below 1 mA. For most applications a recommended value for the pull-up
resistor is 100 k
Ω. The voltage on this pin is thus pulled low under output under-voltage or over-
voltage fault conditions and also under input UVLO.
ISEN
7
Current limit threshold setting pin. This sources a fixed 40 µA current. A resistor of appropriate value
should be connected between this pin and the drain of the low-side MOSFET (switch node).
EAO
8
Output of the error amplifier. The voltage level on this pin is compared with an internally generated
ramp signal to determine the duty cycle. This pin is necessary for compensating the control loop.
SS/TRACK
9
Soft-start and tracking pin. This pin is internally connected to the non-inverting input of the error
amplifier during soft-start, and in fact any time the SS/TRACK pin voltage happens to be below the
internal reference voltage. For the basic soft-start function, a capacitor of minimum value 1 nF is
connected from this pin to ground. To track the rising ramp of another power supply’s output, connect
a resistor divider from the output of that supply to this pin as described in Application and
Implementation.
FB
10
Feedback pin. This is the inverting input of the error amplifier, which is used for sensing the output
voltage and compensating the control loop.
FREQ
11
Frequency adjust pin. The switching frequency is set by connecting a resistor of suitable value
between this pin and ground. The equation for calculating the exact value is provided in Application
and Implementation, but some typical values (rounded up to the nearest standard values) are 324 k
Ω
for 100 kHz, 97.6 k
Ω for 300 kHz, 56.2 kΩ for 500 kHz, 24.9 kΩ for 1 MHz.
SD
12
IC shutdown pin. Pull this pin to VCC to ensure the IC is enabled. Connect to ground to disable the IC.
Under shutdown, both high-side and low-side drives are off. This pin also features a precision
threshold for power supply sequencing purposes, as well as a low threshold to ensure minimal
quiescent current.
HG
14
High-gate drive pin. This is the gate drive for the high-side N-channel MOSFET. This signal is
interlocked with LG (Pin 2) to avoid shoot-through.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com