Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JSL Datasheet (PDF) - FCL COMPONENTS LIMITED

JSL Datasheet PDF - FCL COMPONENTS LIMITED
Part # JSL
Download  JSL Download
File Size   411.0 Kbytes
Page   7 Pages
Manufacturer  FCL [FCL COMPONENTS LIMITED]
Direct Link  https://www.fcl-components.com/en
Logo FCL - FCL COMPONENTS LIMITED
Description 1 POLE - 8A Polarized Latching Type

JSL Datasheet (PDF)

Go To PDF Page Download Datasheet
JSL Datasheet PDF - FCL COMPONENTS LIMITED

Part # JSL
Download  JSL Click to download

File Size   411.0 Kbytes
Page   7 Pages
Manufacturer  FCL [FCL COMPONENTS LIMITED]
Direct Link  https://www.fcl-components.com/en
Logo FCL - FCL COMPONENTS LIMITED
Description 1 POLE - 8A Polarized Latching Type

JSL Datasheet (HTML) - FCL COMPONENTS LIMITED


JSL Product details

FEATURES
APPLICATIONS
Small footprint
Width: 10mm
Height: 12.5mm
High insulation
Insulation distance: 8.0mm (between coil and contacts)
Dielectric strength: 5,000VAC
Surge strength: 10,000V
Plastic materials
UL 94 fl ame class V-0
RoHS compliant
Smart meter, power saving equipment etc.




Similar Part No. - JSL

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
JSL FUJITSU-JSL Datasheet
974Kb / 6P
POWER RELAY 1 POLE - 8A Polarized Latching Type
JSL FUJITSU-JSL Datasheet
387Kb / 6P
POWER RELAY 1 POLE - 8A Polarized Latching Type
JSL-21161 FUJITSU-JSL-21161 Datasheet
203Kb / 8P
POWER RELAY 1 POLE - 8A Polarized Latching Type
logo
Beijing Yaohuadechang E...
JSL045 YHDC-JSL045 Datasheet
5Mb / 1P
Open and close core leakage current (current) monitoring relay
JSL065 YHDC-JSL065 Datasheet
5Mb / 1P
Open and close core leakage current (current) monitoring relay
More results


Similar Description - JSL

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-1462000-5 MACOM-5-1462000-5 Datasheet
472Kb / 9P
2 pole telecom/signal relay Through Hole Type (THT) Non-polarized. non-latching 1 coil
MT2RELAY MACOM-MT2RELAY Datasheet
274Kb / 9P
2 POLE TELECOM SIGNAL RELAY THROUGH HOLE TYPE(THT) NON-POLARIZED NON-LATCHING 1 COIL
logo
ZETTLER Electronics
AZ833P ZETTLER-AZ833P Datasheet
265Kb / 4P
MICROMINIATURE POLARIZED LATCHING RELAY
logo
fujitsu semiconductor
FTR-F1L FUJITSU-FTR-F1L Datasheet
336Kb / 5P
POWER RELAY 2 POLES - 8A Polarized Latching Relay
JSL FUJITSU-JSL Datasheet
974Kb / 6P
POWER RELAY 1 POLE - 8A Polarized Latching Type
logo
Tyco Electronics
V23101-D0101-A201 MACOM-V23101-D0101-A201 Datasheet
1Mb / 13P
1 pole PCB relay, non-polarized
logo
fujitsu semiconductor
JSL FUJITSU-JSL_11 Datasheet
387Kb / 6P
POWER RELAY 1 POLE - 8A Polarized Latching Type
JSL-21161 FUJITSU-JSL-21161 Datasheet
203Kb / 8P
POWER RELAY 1 POLE - 8A Polarized Latching Type
logo
Tyco Electronics
MT2-C93403 MACOM-MT2-C93403 Datasheet
488Kb / 9P
2 pole telecom/signal relay Through Hole Type (THT) Non-polarized. non-latching 1 coil
logo
ZETTLER Electronics
AZ833P ZETTLER-AZ833P_13 Datasheet
294Kb / 4P
MICROMINIATURE POLARIZED LATCHING RELAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com