Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JSL Datasheet(PDF) 6 Page - FCL COMPONENTS LIMITED

Part # JSL
Description  1 POLE - 8A Polarized Latching Type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCL [FCL COMPONENTS LIMITED]
Direct Link  https://www.fcl-components.com/en
Logo FCL - FCL COMPONENTS LIMITED

JSL Datasheet(HTML) 6 Page - FCL COMPONENTS LIMITED

  JSL Datasheet HTML 1Page - FCL COMPONENTS LIMITED JSL Datasheet HTML 2Page - FCL COMPONENTS LIMITED JSL Datasheet HTML 3Page - FCL COMPONENTS LIMITED JSL Datasheet HTML 4Page - FCL COMPONENTS LIMITED JSL Datasheet HTML 5Page - FCL COMPONENTS LIMITED JSL Datasheet HTML 6Page - FCL COMPONENTS LIMITED JSL Datasheet HTML 7Page - FCL COMPONENTS LIMITED  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
JSL Series
CAUTIONS
GENERAL INFORMATION
1. ROHS Compliance
• All relays produced by FCL Components are compliant with RoHS directive 2011/65/EU, including commission
delegated directive 2015/863.
Lead free solder plating on relay terminals is Sn-3.0Ag-0.5Cu, unless otherwise specified. This material has been
verified to be compatible with PbSn assembly process.
2. Recommended lead free solder condition
•
• Recommended solder for assembly: Sn-3.0Ag-0.5Cu.
3. Moisture Sensitivity
• Moisture Sensitivity Level standard is not applicable to electromechanical relays, unless otherwise indicated.
4. Tin Whiskers
• Dipped SnAgCu solder is known as presenting a low risk to tin whisker development. No considerable
length whisker was found by our in house test.
Flow Solder Condition:
Pre-Heating:
within 90 sec.
Soldering:
Dip within 5 sec. at 255°C±5°C solder bath
Relay must be cooled by air immediately after soldering
Solder by Soldering Iron:
Soldering Iron:
30-60W
Temperature:
Duration:
Maximum 3 sec.
We highly recommend that you confirm your actual solder conditions
 ・All values mentioned in this datasheet are provided under ideal conditions. Please perform the confirmation test
before actual use.
 ・Reflow soldering is prohibited.
・Do not use relays in the atmosphere with sulfide gas, chloride gas or nitric oxide. Contact resistance may increase.
 ・Do not use silicon or silicon-containing product or materials near relays. It may cause contact failure.
Notes for latching relays
 ・Latching relays are shipped in the state set, but state may change due to shock during transportation or mounting.
Before uing the relays, it is advisable to bring the relays in necessary state (set or reset) and program a circuit sequence.
Otherwise, it will or will not operate simultaneously with power activation.
 ・Please connect relay coils according to specified polarity.
・ Do not apply voltage to both set coil and reset coil at a time.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com