Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JSL Datasheet(PDF) 5 Page - FCL COMPONENTS LIMITED

Part # JSL
Description  1 POLE - 8A Polarized Latching Type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCL [FCL COMPONENTS LIMITED]
Direct Link  https://www.fcl-components.com/en
Logo FCL - FCL COMPONENTS LIMITED

JSL Datasheet(HTML) 5 Page - FCL COMPONENTS LIMITED

  JSL Datasheet HTML 1Page - FCL COMPONENTS LIMITED JSL Datasheet HTML 2Page - FCL COMPONENTS LIMITED JSL Datasheet HTML 3Page - FCL COMPONENTS LIMITED JSL Datasheet HTML 4Page - FCL COMPONENTS LIMITED JSL Datasheet HTML 5Page - FCL COMPONENTS LIMITED JSL Datasheet HTML 6Page - FCL COMPONENTS LIMITED JSL Datasheet HTML 7Page - FCL COMPONENTS LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
JSL Series
■ CHARACTERISTIC DATA
■ REFERENCE DATA
(Characteristic data is not guaranteed value but measured values of samples from production line.)
12
10
8
6
4
2
0
12
10
8
6
4
2
0
0.0
0.2
0.4
0.6
0.8
1.0
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
120
110
100
90
80
70
60
50
1
10
100
100
90
80
70
60
50
40
30
20
10
0
024
6
8
10
12
14
16
100
90
80
70
60
50
40
30
20
10
0
100
90
80
70
60
50
40
30
20
10
0
0
2
4
6
8 10 12 141618 20
0
10 2030 40 506070 8090 100
Coil power (W)
Coil power (W)
Excitation time (ms)
Nominal voltage multiplying factor (%)
at 150msec. excitation time
Time (ms)
Distribution of set/reset voltage
Distribution of set/reset time
Distribution of contact resistance
Set/reset time (typical values)
Single coil
Set/reset time (typical values)
Dual coil
Pulse time
(typical values)
JSL
Reset
Set
Reset
Set
JSL
JSL
Reset
Set
JSL-D5N
n=100
JSL-D5N
n=100
JSL-D5N
n=100
Set
Reset
Set
Reset
Make
Break
Version
1 coil
2 coils
Terminal No.
3
5
3
4
5
Set
-
+
-
+
Reset
+
-
+
-



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com